Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 145 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 141Page - Texas Instruments TMS320DM335 Datasheet HTML 142Page - Texas Instruments TMS320DM335 Datasheet HTML 143Page - Texas Instruments TMS320DM335 Datasheet HTML 144Page - Texas Instruments TMS320DM335 Datasheet HTML 145Page - Texas Instruments TMS320DM335 Datasheet HTML 146Page - Texas Instruments TMS320DM335 Datasheet HTML 147Page - Texas Instruments TMS320DM335 Datasheet HTML 148Page - Texas Instruments TMS320DM335 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 155 page
background image
5.16
Pulse Width Modulator (PWM)
5.16.1 PWM0/1/2/3 Electrical/Timing Data
PWM0/1/2/3
1
3
3
2
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528B – JULY 2008 – REVISED JANUARY 2009
The DM335 contains 4 separate Pulse Width Modulator (PWM) modules. The pulse width modulator
(PWM) feature is very common in embedded systems. It provides a way to generate a pulse periodic
waveform for motor control or can act as a digital-to-analog converter with some external components.
This PWM peripheral is basically a timer with a period counter and a first-phase duration comparator,
where bit width of the period and first-phase duration are both programmable. The Pulse Width Modulator
(PWM) modules support the following features:
• 32-bit period counter
• 32-bit first-phase duration counter
• 8-bit repeat count for one-shot operation. One-shot operation will produce N + 1 periods of the
waveform, where N is the repeat counter value.
• Configurable to operate in either one-shot or continuous mode
• Buffered period and first-phase duration registers
• One-shot operation triggerable by hardware events with programmable edge transitions. (low-to-high or
high-to-low).
• One-shot operation triggerable by the CCD VSYNC output of the video processing subsystem (VPSS),
which allows any of the PWM instantiations to be used as a CCD timer. This allows the DM335 module
to support the functions provided by the CCD timer feature (generating strobe and shutter signals).
• One-shot operation generates N+1 periods of waveform, N being the repeat count register value
• Configurable PWM output pin inactive state
• Interrupt and EDMA synchronization events
Table 5-46. Switching Characteristics Over Recommended Operating Conditions for PWM0/1/2/3
Outputs(1) (see Figure 5-47 and Figure 5-48)
DM335
NO.
PARAMETER
UNIT
MIN
MAX
1
tw(PWMH)
Pulse duration, PWMx high
P
ns
2
tw(PWML)
Pulse duration, PWMx low
P
ns
3
tt(PWM)
Transition time, PWMx
.05P
ns
4
td(CCDC-PWMV)
Delay time, CCDC(VD) trigger event to PWMx valid
10
ns
(1)
P = MXI1/CLKIN cycle time in ns. For example, when MXI1/CLKIN frequency is 24 MHz use P = 41.6 ns.
Figure 5-47. PWM Output Timing
Submit Documentation Feedback
DM335 Peripheral Information and Electrical Specifications
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com