Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM647ZUT7 Datasheet(PDF) 141 Page - Texas Instruments

Part # TMS320DM647ZUT7
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT7 Datasheet(HTML) 141 Page - Texas Instruments

Back Button TMS320DM647ZUT7 Datasheet HTML 137Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 138Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 139Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 140Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 141Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 142Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 143Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 144Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 181 page
background image
HRDY(B) (output)
5
11
9
17
18
34
HAS (input)
HR/W (input)
HSTROBE(A)
(input)
HCS (input)
35
36
38
HD[31:0] (input)
HCNTL[1:0]
(input)
10
12
13
37
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
A.
HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
B.
Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with
auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed
information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide
(literature number SPRUEL5)
Figure 6-47. HPI32 Write Timing (HAS Used)
Copyright © 2010–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
141
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com