Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM647ZUT7 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320DM647ZUT7
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT7 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320DM647ZUT7 Datasheet HTML 19Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 20Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 21Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 22Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 23Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 24Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 25Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 26Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
Table 2-4. Terminal Functions (continued)
TERMINAL NAME
NO
TYPE
INTERNAL
OPER
DESCRIPTION
PULLUP/
VOLT
PULLDOWN
DDR_D16
B16
I/O/Z
1.8 V
DDR2 Memory Controller External Data (continued)
DDR_D17
C16
I/O/Z
1.8 V
DDR_D18
D16
I/O/Z
1.8 V
DDR_D19
E16
I/O/Z
1.8 V
DDR_D20
B17
I/O/Z
1.8 V
DDR_D21
C17
I/O/Z
1.8 V
DDR_D22
D17
I/O/Z
1.8 V
DDR_D23
E17
I/O/Z
1.8 V
DDR_D24
C18
I/O/Z
1.8 V
DDR_D25
D18
I/O/Z
1.8 V
DDR_D26
B19
I/O/Z
1.8 V
DDR_D27
C19
I/O/Z
1.8 V
DDR_D28
B20
I/O/Z
1.8 V
DDR_D29
D19
I/O/Z
1.8 V
DDR_D30
C20
I/O/Z
1.8 V
DDR_D31
E19
I/O/Z
1.8 V
DDR_ODT0
E13
I/O/Z
1.8 V
On-die termination signals to external DDR2 SDRAM. These pins
are reserved for future use and should not be connected to the
DDR_ODT1
A14
I/O/Z
1.8 V
DDR2 SDRAM.
Note: There are no on-die termination resistors implemented on
the DM647/DM648 DSP die.
DDR_CAS
D10
I/O/Z
1.8 V
DDR2 Memory Controller SDRAM column address strobe
DDR_CKE
B11
I/O/Z
1.8 V
DDR2 Memory Controller SDRAM clock-enable
DDR_DQGATE0
D7
I/O/Z
1.8 V
DDR2 Memory Controller Data Strobe Gate
DDR_DQGATE1
B6
I/O/Z
1.8 V
DDR_DQGATE2
E18
I/O/Z
1.8 V
DDR_DQGATE3
A21
I/O/Z
1.8 V
DDR_DQM[0]
B8
I/O/Z
1.8 V
DDR2 Memory Controller Byte-enable Controls. Decoded from the
low-order address bits. The number of address bits or byte
DDR_DQM[1]
D5
I/O/Z
1.8 V
enables used depends on the width of external memory. Byte-write
DDR_DQM[2]
E15
I/O/Z
1.8 V
enables for most types of memory. Can be directly connected to
SDRAM read and write mask signal (SDQM).
DDR_DQM[3]
B21
I/O/Z
1.8 V
DDR_DQS[0]
A9
I/O/Z
1.8 V
DDR2 Memory Controller Data Strobe [3:0]
DDR_DQS[1]
A7
I/O/Z
1.8 V
DDR_DQS[2]
A17
I/O/Z
1.8 V
DDR_DQS[3]
A20
I/O/Z
1.8 V
DDR_DQS[0]
A8
I/O/Z
1.8 V
DDR2 Memory Controller Data Strobe [3:0] Negative
DDR_DQS[1]
A6
I/O/Z
1.8 V
DDR_DQS[2]
A16
I/O/Z
1.8 V
DDR_DQS[3]
A19
I/O/Z
1.8 V
DDR_RAS
E10
I/O/Z
1.8 V
DDR2 Memory Controller SDRAM Row Address Strobe
DDR_WE
D11
I/O/Z
1.8 V
DDR2 Memory Controller SDRAM Write Enable
Copyright © 2010–2009, Texas Instruments Incorporated
Device Overview
23
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com