Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM647ZUT7 Datasheet(PDF) 150 Page - Texas Instruments

Part # TMS320DM647ZUT7
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT7 Datasheet(HTML) 150 Page - Texas Instruments

Back Button TMS320DM647ZUT7 Datasheet HTML 146Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 147Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 148Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 149Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 150Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 151Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 152Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 153Page - Texas Instruments TMS320DM647ZUT7 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 181 page
background image
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
Table 6-72. McASP Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x0204 00CC - 0x0204
-
Reserved
00FC
0x0204 0100
DITCSRA0
Left (even TDM slot) channel status register file
0x0204 0104
DITCSRA1
Left (even TDM slot) channel status register file
0x0204 0108
DITCSRA2
Left (even TDM slot) channel status register file
0x0204 010C
DITCSRA3
Left (even TDM slot) channel status register file
0x0204 0110
DITCSRA4
Left (even TDM slot) channel status register file
0x0204 0114
DITCSRA5
Left (even TDM slot) channel status register file
0x0204 0118
DITCSRB0
Right (odd TDM slot) channel status register file
0x0204 011C
DITCSRB1
Right (odd TDM slot) channel status register file
0x0204 0120
DITCSRB2
Right (odd TDM slot) channel status register file
0x0204 0124
DITCSRB3
Right (odd TDM slot) channel status register file
0x0204 0128
DITCSRB4
Right (odd TDM slot) channel status register file
0x0204 012C
DITCSRB5
Right (odd TDM slot) channel status register file
0x0204 0130
DITUDRA0
Left (even TDM slot) user data register file
0x0204 0134
DITUDRA1
Left (even TDM slot) user data register file
0x0204 0138
DITUDRA2
Left (even TDM slot) user data register file
0x0204 013C
DITUDRA3
Left (even TDM slot) user data register file
0x0204 0140
DITUDRA4
Left (even TDM slot) user data register file
0x0204 0144
DITUDRA5
Left (even TDM slot) user data register file
0x0204 0148
DITUDRB0
Right (odd TDM slot) user data register file
0x0204 014C
DITUDRB1
Right (odd TDM slot) user data register file
0x0204 0150
DITUDRB2
Right (odd TDM slot) user data register file
0x0204 0154
DITUDRB3
Right (odd TDM slot) user data register file
0x0204 0158
DITUDRB4
Right (odd TDM slot) user data register file
0x0204 015C
DITUDRB5
Right (odd TDM slot) user data register file
0x0204 0160 - 0x0204
-
Reserved
017C
0x0204 0180
SRCTL0
Serializer 0 control register
0x0204 0184
SRCTL1
Serializer 1 control register
0x0204 0188
SRCTL2
Serializer 2 control register
0x0204 018C
SRCTL3
Serializer 3 control register
0x0204 0190
SRCTL4
Serializer 4 control register
0x0204 0194
SRCTL5
Serializer 5 control register
0x0204 0198
SRCTL6
Serializer 6 control register
0x0204 019C
SRCTL7
Serializer 7 control register
0x0204 01A0
SRCTL8
Serializer 8 control register
0x0204 01A4
SRCTL9
Serializer 9 control register
0x0204 01A8 - 0x0204
-
Reserved
01FC
0x0204 0200
XBUF0
Transmit Buffer for Serializer 0
0x0204 0204
XBUF1
Transmit Buffer for Serializer 1
0x0204 0208
XBUF2
Transmit Buffer for Serializer 2
0x0204 020C
XBUF3
Transmit Buffer for Serializer 3
0x0204 0210
XBUF4
Transmit Buffer for Serializer 4
0x0204 0214
XBUF5
Transmit Buffer for Serializer 5
0x0204 0218
XBUF6
Transmit Buffer for Serializer 6
0x0204 021C
XBUF7
Transmit Buffer for Serializer 7
150
Peripheral Information and Electrical Specifications
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com