Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM647 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 90Page - Texas Instruments TMS320DM647 Datasheet HTML 91Page - Texas Instruments TMS320DM647 Datasheet HTML 92Page - Texas Instruments TMS320DM647 Datasheet HTML 93Page - Texas Instruments TMS320DM647 Datasheet HTML 94Page - Texas Instruments TMS320DM647 Datasheet HTML 95Page - Texas Instruments TMS320DM647 Datasheet HTML 96Page - Texas Instruments TMS320DM647 Datasheet HTML 97Page - Texas Instruments TMS320DM647 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 181 page
background image
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
6.9.2
DDR2 Memory Controller Peripheral Registers
Table 6-27. DDR2 Memory Controller Registers(1)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x7800 0000
MIDR
DDR2 Memory Controller Module and Revision Register
0x7800 0004
DMCSTAT
DDR2 Memory Controller Status Register
0x7800 0008
SDCFG
DDR2 Memory Controller SDRAM Configuration Register
0x7800 000C
SDRFC
DDR2 Memory Controller SDRAM Refresh Control Register
0x7800 0010
SDTIM1
DDR2 Memory Controller SDRAM Timing 1 Register
0x7800 0014
SDTIM2
DDR2 Memory Controller SDRAM Timing 2 Register
0x7800 0018
-
Reserved
0x7800 0020
BPRIO
DDR2 Memory Controller Burst Priority Register
0x7800 0024 - 0x7800 004C
-
Reserved
0x7800 0050 - 0x7800 0078
-
Reserved
0x7800 007C - 0x7800 00BC
-
Reserved
0x7800 00C0 - 0x7800 00E0
-
Reserved
0x7800 00E4
DMCCTL
DDR2 Memory Controller Control Register
0x7800 00E8 - 0x7800 00FC
-
Reserved
0x7800 0100 - 0x7FFF FFFF
-
Reserved
(1)
For details about the DDR2 registers and their modes, see the TMS320DM647/DM648 DSP DDR2 Memory Controller (DDR2) User's
Guide (literature number SPRUEK5).
6.9.3
DDR2 Interface
This section provides the timing information for the DDR2 interface as a PCB design and manufacturing
specification. The design rules constrain PCB trace length, PCB trace skew, signal integrity, cross-talk,
and signal timing. These rules, when followed, result in a reliable DDR2 memory system without the need
for a complex timing closure process. For more information regarding guidelines for using this DDR2
specification, Understanding TI's PCB Routing Rule-Based DDR2 Timing Specification (SPRAAV0).
6.9.3.1
DDR2 Interface Schematic
Figure 6-11 shows the DDR2 interface schematic for a x32 DDR2 memory system. The x16 DDR2 system
schematic shown in Figure 6-12 is identical except that the high word DDR2 device is deleted.
6.9.3.2
Compatible JEDEC DDR2 Devices
Table 6-28 shows the parameters of the JEDEC DDR2 devices that are compatible with this interface.
Generally, the DDR2 interface is compatible with x16 DDR2-533 speed grade DDR2 devices.
Table 6-28. Compatible JEDEC DDR2 Devices
NO.
PARAMETER
MIN
MAX
UNIT
1
JEDEC DDR2 Device Speed Grade(1)
DDR2-533
2
JEDEC DDR2 Device Bit Width
x16
x16
Bits
3
JEDEC DDR2 Device Count(2)
1
2
Devices
4
JEDEC DDR2 Device Ball Count(3)
84
92
Balls
(1)
Higher DDR2 speed grades are supported due to inherent JEDEC DDR2 backwards compatibility.
(2)
One DDR2 device is used for 16-bit DDR2 memory system. Two DDR2 devices are used for 32-bit DDR2 memory system.
(3)
92 ball devices retained for legacy support. New designs will migrate to 84 ball DDR2 devices. Electrically, the 92 and 84 ball DDR2
devices are the same.
94
Peripheral Information and Electrical Specifications
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com