Electronic Components Datasheet Search
  English  ▼

X  

ZC930 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZC930
Description  SILICON 12V HYPERABRUPT VARACTOR DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC930 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZC930 Datasheet HTML 1Page - Zetex Semiconductors ZC930 Datasheet HTML 2Page - Zetex Semiconductors ZC930 Datasheet HTML 3Page - Zetex Semiconductors ZC930 Datasheet HTML 4Page - Zetex Semiconductors ZC930 Datasheet HTML 5Page - Zetex Semiconductors ZC930 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZC930, ZMV930, ZV931 series
ISSUE 6 - JANUARY 2002
2
PART
Capacitance
V
R=1V
Capacitance
V
R=2.5V
Capacitance
V
R=4V
Minimum Q
V
R=4V
f=50MHz
MIN pF
MIN pF
MAX pF
MAX pF
930
8.70
4.30
5.50
2.90
200
931
13.50
6.50
7.80
4.00
300
932
17.00
8.50
10.50
5.50
200
933
42.00
18.00
27.00
12.00
150
933A
42.00
20.25
24.75
12.00
150
934
95.00
40.00
65.00
25.00
80
934A
95.00
47.25
57.75
25.00
80
TUNING CHARACTERISTICS at Tamb = 25°C
PARAMETER
SYMBOL
MAX
UNIT
Reverse voltage
V
R
12
V
Forward current
I
F
100
mA
Power dissipation at T
amb =25 C SOT23
P
tot
330
mW
Power dissipation at T
amb =25 C SOD323
P
tot
330
mW
Power dissipation at T
amb =25 C SOD523
P
tot
250
mW
Operating and storage temperature range
-55 to +150
C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
I
R = 10uA
12
V
Reverse voltage leakage
V
R = 8V
0.2
100
nA
Temperature coefficient of capacitance
V
R =3V,f=1MHz
300
400
ppCm/ C
ELECTRICAL CHARACTERISTICS at Tamb = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com