Electronic Components Datasheet Search
  English  ▼

X  

74LVC2G17GF Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74LVC2G17GF
Description  Dual non-inverting Schmitt trigger with 5 V tolerant input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G17GF Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74LVC2G17GF Datasheet HTML 8Page - NXP Semiconductors 74LVC2G17GF Datasheet HTML 9Page - NXP Semiconductors 74LVC2G17GF Datasheet HTML 10Page - NXP Semiconductors 74LVC2G17GF Datasheet HTML 11Page - NXP Semiconductors 74LVC2G17GF Datasheet HTML 12Page - NXP Semiconductors 74LVC2G17GF Datasheet HTML 13Page - NXP Semiconductors 74LVC2G17GF Datasheet HTML 14Page - NXP Semiconductors 74LVC2G17GF Datasheet HTML 15Page - NXP Semiconductors 74LVC2G17GF Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
NXP Semiconductors
74LVC2G17
Dual non-inverting Schmitt trigger with 5 V tolerant input
© NXP B.V. 2006.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 9 October 2006
Document identifier: 74LVC2G17_4
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
21. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
6
Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2
7
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
7.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
7.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3
8
Functional description . . . . . . . . . . . . . . . . . . . 3
9
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4
10
Recommended operating conditions. . . . . . . . 4
11
Static characteristics. . . . . . . . . . . . . . . . . . . . . 4
12
Dynamic characteristics . . . . . . . . . . . . . . . . . . 6
13
Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
14
Transfer characteristics. . . . . . . . . . . . . . . . . . . 8
15
Waveforms transfer characteristics . . . . . . . . . 8
16
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 10
17
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 14
18
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 14
19
Legal information. . . . . . . . . . . . . . . . . . . . . . . 15
19.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 15
19.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
19.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
19.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
20
Contact information. . . . . . . . . . . . . . . . . . . . . 15
21
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com