Electronic Components Datasheet Search
  English  ▼

X  

74LVC2G66 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVC2G66
Description  Bilateral switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G66 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC2G66 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 14Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 15Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 16Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 17Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
74LVC2G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 1 July 2008
14 of 24
NXP Semiconductors
74LVC2G66
Bilateral switch
11.3 Test circuits
Xtalk
crosstalk
between switches; RL = 600 Ω; CL =50pF;
fi = 1 MHz; see Figure 24
VCC = 1.65 V
-
-
-
dB
VCC = 2.3 V
-
−56
-
dB
VCC =3V
-
−56
-
dB
VCC = 4.5 V
-
−56
-
dB
between switches; RL =50 Ω; CL = 5 pF;
fi = 1 MHz; see Figure 24
VCC = 1.65 V
-
-
-
dB
VCC = 2.3 V
-
−29
-
dB
VCC =3V
-
−28
-
dB
VCC = 4.5 V
-
−28
-
dB
Qinj
charge injection
CL = 0.1 nF; Vgen =0V; Rgen =0 Ω; fi = 1 MHz;
RL =1MΩ; see Figure 25
VCC = 1.8 V
-
3.3
-
pC
VCC = 2.5 V
-
4.1
-
pC
VCC = 3.3 V
-
5.0
-
pC
VCC = 4.5 V
-
6.4
-
pC
VCC = 5.5 V
-
7.5
-
pC
Table 12.
Additional dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Test conditions:
VCC = 1.65 V: Vi = 1.4 V (p-p).
VCC = 2.3 V: Vi = 2 V (p-p).
VCC = 3 V: Vi = 2.5 V (p-p).
VCC = 4.5 V: Vi = 4 V (p-p).
Fig 20. Test circuit for measuring total harmonic distortion
001aag492
VIH
VO
VCC
0.5VCC
Z/Y
Y/Z
E
600
Ω
fi
RL
10 pF
CL
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com