Electronic Components Datasheet Search
  English  ▼

X  

74LVC3G06 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC3G06
Description  Triple inverter with open-drain output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G06 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC3G06 Datasheet HTML 4Page - NXP Semiconductors 74LVC3G06 Datasheet HTML 5Page - NXP Semiconductors 74LVC3G06 Datasheet HTML 6Page - NXP Semiconductors 74LVC3G06 Datasheet HTML 7Page - NXP Semiconductors 74LVC3G06 Datasheet HTML 8Page - NXP Semiconductors 74LVC3G06 Datasheet HTML 9Page - NXP Semiconductors 74LVC3G06 Datasheet HTML 10Page - NXP Semiconductors 74LVC3G06 Datasheet HTML 11Page - NXP Semiconductors 74LVC3G06 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74LVC3G06_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 12 March 2009
8 of 16
NXP Semiconductors
74LVC3G06
Triple inverter with open-drain output
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
1.65 V to 1.95 V
0.5
× V
CC
0.5
× V
CC
VOL + 0.15 V
2.3 V to 2.7 V
0.5
× VCC
0.5
× V
CC
VOL + 0.15 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
3.0 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× V
CC
VOL + 0.3 V
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 9.
Test circuit for measuring switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPZL, tPLZ
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
Ω
2
× VCC
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
Ω
2
× VCC
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
6 V
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
6 V
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
Ω
2
× VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com