Electronic Components Datasheet Search
  English  ▼

X  

74LVC74ABQ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC74ABQ
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC74ABQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC74ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC74ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC74ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC74ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC74ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC74ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC74ABQ Datasheet HTML 11Page - NXP Semiconductors 74LVC74ABQ Datasheet HTML 12Page - NXP Semiconductors 74LVC74ABQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74LVC74A_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 4 June 2007
9 of 16
NXP Semiconductors
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
Test data is given in Table 9.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 9.
Load circuitry for switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aaf615
VCC
VI
VO
DUT
CL
RT
RL
PULSE
GENERATOR
Table 9.
Test data
Supply voltage
Input
Load
VI
tr, tf
CL
RL
1.2 V
VCC
≤ 2.5 ns
50 pF
500
Ω
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com