Electronic Components Datasheet Search
  English  ▼

X  

74LVC244AD Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74LVC244AD
Description  Octal buffer/line driver; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC244AD Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74LVC244AD Datasheet HTML 10Page - NXP Semiconductors 74LVC244AD Datasheet HTML 11Page - NXP Semiconductors 74LVC244AD Datasheet HTML 12Page - NXP Semiconductors 74LVC244AD Datasheet HTML 13Page - NXP Semiconductors 74LVC244AD Datasheet HTML 14Page - NXP Semiconductors 74LVC244AD Datasheet HTML 15Page - NXP Semiconductors 74LVC244AD Datasheet HTML 16Page - NXP Semiconductors 74LVC244AD Datasheet HTML 17Page - NXP Semiconductors 74LVC244AD Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
74LVC_LVCH244A_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 13 August 2009
15 of 18
NXP Semiconductors
74LVC244A; 74LVCH244A
Octal buffer/line driver; 3-state
Fig 13. Package outline SOT1045-1 (DHXQFN20U)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT1045-1
- - -
- - -
SOT1045-1
07-12-01
09-08-04
UNIT
A
max
mm
0.5
0.05
0.00
0.30
0.18
3.35
3.05
2.6
2.4
1.35
1.05
0.5
0.45
0.25
0.13
0.05
0.05
A1
DIMENSIONS (mm are the original dimensions)
DHXQFN20U: plastic dual in-line compatible thermal enhanced extremely thin quad flat package;
no leads; 20 terminals; UTLP based; body 2.5 x 4.5 x 0.5 mm
b
D
4.6
4.4
Dh
E
Eh
e
e1
3.5
L
L1
v
0.1
w
y
0.05
y1
0.1
C
y
C
y1
X
b
terminal 1
index area
e1
e
e
A
C
B
v M
C
w M
Dh
Eh
L1
L
29
10
1
20
19
12
11
terminal 1
index area
B
A
D
E
detail X
A1
A
0
2.5
5 mm
scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com