Electronic Components Datasheet Search
  English  ▼

X  

319 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 319
Description  SINGLE PHASE DC MOTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

319 Datasheet(HTML) 3 Page - Unisonic Technologies

  319 Datasheet HTML 1Page - Unisonic Technologies 319 Datasheet HTML 2Page - Unisonic Technologies 319 Datasheet HTML 3Page - Unisonic Technologies 319 Datasheet HTML 4Page - Unisonic Technologies 319 Datasheet HTML 5Page - Unisonic Technologies 319 Datasheet HTML 6Page - Unisonic Technologies 319 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
319
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R101-031.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Voltage
20
V
Peak Current
800
mA
Hold Current
600
mA
Output Peak Sink Current
Continuous Current
IOUT
300
mA
TA=25°C
600
mW
Power Dissipation
TA=70°C
PD
450
mW
Junction Temperature
TJ
+150
°C
Operating Junction Temperature
TJ
0 ~ +85
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
3
20
V
Quiescent Supply Current
IVV
VCC=20V, No use pin open
18
25
mA
VCE(sink)
VCC=14V, IC=200mA
0.55
0.8
V
Output Saturation Voltage
VCE(drive)
VCC=14V, IC=200mA
VCC=1.5
VCC
V
AC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rise Time
tR
RL=820Ω, CL=20pF
0.5
1.0
μs
Fall Time
tF
RL=820Ω, CL=20pF
0.5
1.5
μs
Switch Time Differential
Δt
RL=820Ω, CL=20pF
1.0
0.5
μs
MAGNETIC CHARACTERITICS
A Grade
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating Point
BOP
10
45
Release Point
BRP
-45
-10
Gauss
B Grade
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating Point
BOP
65
Release Point
BRP
-65
Gauss
C Grade
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating Point
BOP
90
Release Point
BRP
-90
Gauss



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com