Electronic Components Datasheet Search
  English  ▼

X  

QDC10 Datasheet(PDF) 2 Page - Yamar Electronics Ltd.

Part # QDC10
Description  Multiplex Data On Battery Power Lines
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

QDC10 Datasheet(HTML) 2 Page - Yamar Electronics Ltd.

  QDC10 Datasheet HTML 1Page - Yamar Electronics Ltd. QDC10 Datasheet HTML 2Page - Yamar Electronics Ltd. QDC10 Datasheet HTML 3Page - Yamar Electronics Ltd. QDC10 Datasheet HTML 4Page - Yamar Electronics Ltd. QDC10 Datasheet HTML 5Page - Yamar Electronics Ltd. QDC10 Datasheet HTML 6Page - Yamar Electronics Ltd. QDC10 Datasheet HTML 7Page - Yamar Electronics Ltd. QDC10 Datasheet HTML 8Page - Yamar Electronics Ltd. QDC10 Datasheet HTML 9Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
QDC10 - Multiplex Data on Battery Power Lines
© 2002-2010 YAMAR Electronics Ltd.
2
DS-QDC10 R1.5
Shimon Hatarsi Tel Aviv, Israel. Tel (972) 3 5445294 Fax (972) 3 5445279
www.yamar.com
devices. The rest of the spectrum is reserved for higher speed channels and for multimedia
communication over the same DC power lines.
2.1.1
QDC10 Channel
The QDC10 channel is designed to operate over a single DC power line in the noisy conditions of a car.
Up to 16 devices can be connected on a DC line.
Center frequency F0:
1.79 MHz
Data transfer rate:
10 Kbps.
Cable length:
Up to 12m on DC cable.
2.2
QDC10 Device
The QDC10 device is responsible to receive and transfer messages to and from destination devices. A
message consists of 2 to 16 data bytes. The device handles the communication physical layer and part
of link layer (Modem, Channel coder, Carrier sense, Collision detection, and basic protocol).
The QDC10 device consists of a serial synchronous Host interface for communication with its Host,
Transmit and receive buffers, channel coder for error correction handling and a modem for line
communication. The device has special carrier detection logic and protocol handling logic. Figure 1.2
outlines the building blocks of the QDC10 device.
T o B a t t e r y P o w e r L i n e s
v i a p a s s i v e i n t e r f a c e n e t w o r k
C o m m a n d & D a t a
H o s t I / F
R e c e iv e
D a t a
B u f f e r
T r a n s m it
D a t a
B u f f e r
C h a n n e l
C o d e r / D e c o d e r
Q D C 1 0
T x / R x
H o s t In t e r f a c e
D e v i c e
t i m i n g a n d
P r o t o c o l
L o g i c
M o d e m
C a r r ie r
D e t e c t /
R e s o lv e
Figure 2.1 - QDC10 logical blocks
2.2.1
Device Ports
The QDC10 has the following ports:
Host Interface - A serial interface using 3 lines between the device and its Host micro-controller.
DC Line - Two lines for connection to and from the DC line interface or single wire bus.
2.2.2
Protocol
The communication is performed in messages. Each message starts with a header byte, followed by up
to 16 bytes of data. The device and its host coordinate message transmission, message reception,
entering Sleep mode and Wake-Up.. Higher level protocol (link and application layers) are under the
responsibility of the system designer.
2.2.3
Error Correction
Data is protected by an Error correction mechanism designed to meet impulse burst noises with
characteristic similar to those existing over the DC power lines.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com