Electronic Components Datasheet Search
  English  ▼

X  

SIG40 Datasheet(PDF) 2 Page - Yamar Electronics Ltd.

Part # SIG40
Description  for DC-LIN Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SIG40 Datasheet(HTML) 2 Page - Yamar Electronics Ltd.

  SIG40 Datasheet HTML 1Page - Yamar Electronics Ltd. SIG40 Datasheet HTML 2Page - Yamar Electronics Ltd. SIG40 Datasheet HTML 3Page - Yamar Electronics Ltd. SIG40 Datasheet HTML 4Page - Yamar Electronics Ltd. SIG40 Datasheet HTML 5Page - Yamar Electronics Ltd. SIG40 Datasheet HTML 6Page - Yamar Electronics Ltd. SIG40 Datasheet HTML 7Page - Yamar Electronics Ltd. SIG40 Datasheet HTML 8Page - Yamar Electronics Ltd. SIG40 Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
@ 2007 Yamar Electronics Ltd.
2
DS-SIG40 R1.8
2
OVERVIEW
2.1
Signaling System
The SIG40 device is based on a patented Signaling technology. The device transmits and receives a
special signaling carrier, which can be differentiated from noise. The receiver receives the signaling
patterns, extracting them into the original bits. The rest of the spectrum is reserved for additional
communication channels over the same DC noisy lines.
2.2
Channels and Network
The SIG40 operates over one of two preset selectable channels (frequencies) using a single line such
as the vehicle's battery power line. Up to 16 devices can be connected to each of the channels over the
same line. Each of them can broadcast asynchronous data messages to other devices on the bus
according to the LIN protocol. The device is controlled by its host microprocessor through its UART.
Channel frequencies:
3.58MHz to 6.5MHz
Data transfer rate:
19.2Kbps to 57.6Kbps.
Cable length:
See 3.3.9.
2.3
The SIG40 Device
The SIG40 device is responsible to transfer messages to all devices over the line. The device handles
the communication physical layer and Interference detection. The device communicates with its host via
an asynchronous serial port for data transfer and device control. Figure 2.1 outlines the building blocks
of the SIG40 device.
T o / F r o m L i n e i n t e r f a c e
H o s t I / F
S ig n a li n g
G e n e r a t o r a n d
D e t e c t o r
S I G 4 0
H o s t I n t e r f a c e
M o d e m
T im in g
& S y n c h
P L L
P r o t o c o l
H a n d l e r
I n t e r f e r e n c e
D e t e c t o r
P r o t o c o l
C o n t r o l l e r
3 2 K
O s c illa t o r
S le e p
C o n t r o l
Figure 2.1 - SIG40 logical blocks
2.4
Protocol
The LIN protocol is based on a master device communicating with up to 15 slaves using half-duplex
UART data. The device is transparent to the LIN host while providing additional services for the link and
application layers with a built-in Interference detector and frequency management.
2.5
Power Management
Sleep Mode, controlled by the host, saves power by disabling most of the circuits.
During Sleep Mode, the device is switched On for a short period to detect wakeup messages from other
devices on the bus. If no activity is detected, the device is switched back to Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com