Electronic Components Datasheet Search
  English  ▼

X  

TL431AMSDT Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TL431AMSDT
Description  Adjustable precision shunt regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431AMSDT Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TL431AMSDT Datasheet HTML 13Page - NXP Semiconductors TL431AMSDT Datasheet HTML 14Page - NXP Semiconductors TL431AMSDT Datasheet HTML 15Page - NXP Semiconductors TL431AMSDT Datasheet HTML 16Page - NXP Semiconductors TL431AMSDT Datasheet HTML 17Page - NXP Semiconductors TL431AMSDT Datasheet HTML 18Page - NXP Semiconductors TL431AMSDT Datasheet HTML 19Page - NXP Semiconductors TL431AMSDT Datasheet HTML 20Page - NXP Semiconductors TL431AMSDT Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TL431_FAM_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 20 January 2010
17 of 23
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
13. Application information
Fig 26. Shunt regulator
;
Fig 27. Series pass regulator
Fig 28. Single-supply comparator with temperature-compensated threshold
006aab592
VOUT
R1
R2
V+
V
OUT
1
R1
R2
-------
+
⎝⎠
⎛⎞
V
ref
×
=
006aab593
VOUT
R1
R2
V+
V
OUT
1
R1
R2
-------
+
⎝⎠
⎛⎞
V
ref
×
=
V
OUT min
()
V
ref
V
be
+
=
006aab594
VOUT
V+
VIN
V
th
V
ref
=
V
IN
V
ref
V
OUT
0
>
⇒
<
V
IN
V
ref
V
OUT
2V
≅
⇒
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com