Electronic Components Datasheet Search
  English  ▼

X  

ADC0804S040 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # ADC0804S040
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0804S040 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button ADC0804S040 Datasheet HTML 10Page - NXP Semiconductors ADC0804S040 Datasheet HTML 11Page - NXP Semiconductors ADC0804S040 Datasheet HTML 12Page - NXP Semiconductors ADC0804S040 Datasheet HTML 13Page - NXP Semiconductors ADC0804S040 Datasheet HTML 14Page - NXP Semiconductors ADC0804S040 Datasheet HTML 15Page - NXP Semiconductors ADC0804S040 Datasheet HTML 16Page - NXP Semiconductors ADC0804S040 Datasheet HTML 17Page - NXP Semiconductors ADC0804S040 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ADC0804S030_040_050_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 14 August 2008
14 of 19
NXP Semiconductors
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Fig 9.
CMOS data and in-range outputs
Fig 10. Analog inputs
Fig 11. OE and TC input
Fig 12. RB, RM and RT
014aaa557
VCCO
D7 to D0
IR
OGND
VCCA
VI
AGND
014aaa526
014aaa553
VCCO
OGND
OE
TC
VCCA
RT
RM
RB
AGND
014aaa331
RL
RL
RL
RL
Fig 13. CLK input
VCCD
CLK
1.5 V
DGND
014aaa399



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com