Electronic Components Datasheet Search
  English  ▼

X  

ADC0804S050 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ADC0804S050
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0804S050 Datasheet(HTML) 5 Page - NXP Semiconductors

  ADC0804S050 Datasheet HTML 1Page - NXP Semiconductors ADC0804S050 Datasheet HTML 2Page - NXP Semiconductors ADC0804S050 Datasheet HTML 3Page - NXP Semiconductors ADC0804S050 Datasheet HTML 4Page - NXP Semiconductors ADC0804S050 Datasheet HTML 5Page - NXP Semiconductors ADC0804S050 Datasheet HTML 6Page - NXP Semiconductors ADC0804S050 Datasheet HTML 7Page - NXP Semiconductors ADC0804S050 Datasheet HTML 8Page - NXP Semiconductors ADC0804S050 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ADC0804S030_040_050_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 14 August 2008
5 of 19
NXP Semiconductors
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
8.
Limiting values
[1]
The supply voltages VCCA, VCCD and VCCO may have any value between −0.3 V and +7.0 V provided that
the supply voltage differences
∆V
CC are respected.
9.
Thermal characteristics
D2
20
data output; bit 2
D3
21
data output; bit 3
D4
22
data output; bit 4
D5
23
data output; bit 5
D6
24
data output; bit 6
D7
25
data output; bit 7 (Most Significant Bit (MSB))
IR
26
in-range data output
DGND1
27
digital ground 1
VCCD1
28
digital supply voltage 1 (5 V)
Table 3.
Pin description …continued
Symbol
Pin
Description
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA
analog supply voltage
[1]
−0.3
+7.0
V
VCCD
digital supply voltage
[1]
−0.3
+7.0
V
VCCO
output supply voltage
[1]
−0.3
+7.0
V
∆VCC
supply voltage difference
VCCA − VCCD
−1.0
+1.0
V
VCCD − VCCO
−1.0
+4.0
V
VCCA − VCCO
−1.0
+4.0
V
VI
input voltage
referenced to AGND
−0.3
+7.0
V
Vi(clk)(p-p)
peak-to-peak clock input
voltage
referenced to DGND
-
VCCD
V
IO
output current
-
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
110
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com