| Electronic Components Datasheet Search |
|
BAS16J Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAS16J Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 20 page ![]() BAS16_SER_5 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 05 — 25 August 2008 10 of 20 NXP Semiconductors BAS16 series High-speed switching diodes 10. Packing information [1] For further information and the availability of packing methods, see Section 14. [2] T1: normal taping [3] T2: reverse taping Fig 15. Package outline BAS316 (SOD323/SC-76) Fig 16. Package outline BAS516 (SOD523/SC-79) 03-12-17 Dimensions in mm 0.25 0.10 0.45 0.15 2.7 2.3 1.8 1.6 0.40 0.25 1.1 0.8 1.35 1.15 1 2 02-12-13 Dimensions in mm 1.65 1.55 1.25 1.15 0.17 0.11 0.34 0.26 0.65 0.58 0.85 0.75 1 2 Table 9. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number Package Description Packing quantity 3000 4000 8000 10000 BAS16 SOT23 4 mm pitch, 8 mm tape and reel -215 - - -235 BAS16H SOD123F 4 mm pitch, 8 mm tape and reel -115 - - -135 BAS16J SOD323F 4 mm pitch, 8 mm tape and reel -115 - - -135 BAS16L SOD882 2 mm pitch, 8 mm tape and reel - - - -315 BAS16T SOT416 4 mm pitch, 8 mm tape and reel -115 - - -135 BAS16VV SOT666 2 mm pitch, 8 mm tape and reel - - -315 - 4 mm pitch, 8 mm tape and reel - -115 - - BAS16VY SOT363 4 mm pitch, 8 mm tape and reel; T1 [2] -115 - - -135 4 mm pitch, 8 mm tape and reel; T2 [3] -125 - - -165 BAS16W SOT323 4 mm pitch, 8 mm tape and reel -115 - - -135 BAS316 SOD323 4 mm pitch, 8 mm tape and reel -115 - - -135 BAS516 SOD523 2 mm pitch, 8 mm tape and reel - - -315 - 4 mm pitch, 8 mm tape and reel -115 - - -135 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |