Electronic Components Datasheet Search
  English  ▼

X  

PA13 Datasheet(PDF) 6 Page - Cirrus Logic

Part # PA13
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA13 Datasheet(HTML) 6 Page - Cirrus Logic

  PA13 Datasheet HTML 1Page - Cirrus Logic PA13 Datasheet HTML 2Page - Cirrus Logic PA13 Datasheet HTML 3Page - Cirrus Logic PA13 Datasheet HTML 4Page - Cirrus Logic PA13 Datasheet HTML 5Page - Cirrus Logic PA13 Datasheet HTML 6Page - Cirrus Logic PA13 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PA13 • PA13A
6
PA13U
P r o d u c t I n n o v a t i o n F r o m
®
1. Capacitive and dynamic* inductive loads up to the following maximum are safe with the current limits set as
specified.
CAPACITIVE LOAD
INDUCTIVE LOAD
±V
S
I
LIM = 5A
I
LIM = 10A
I
LIM = 5A
I
LIM = 10A
50V
200µF
125µF
5mH
2.0mH
40V
500µF
350µF
15mH
3.0mH
35V
2.0mF
850µF
50mH
5.0mH
30V
7.0mF
2.5mF
150mH
10mH
25V
25mF
10mF
500mH
20mH
20V
60mF
20mF
1,000mH
30mH
15V
150mF
60mF
2,500mH
50mH
*If the inductive load is driven near steady state conditions, allowing the output voltage to drop more than 12.5V be-
low the supply rail with ILIM = 10A or 27V below the supply rail with ILIM = 5A while the amplifier is current limiting,
the inductor must be capacitively coupled or the current limit must be lowered to meet SOA criteria.
2. The amplifier can handle any EMF generating or reactive load and short circuits to the supply rail or common if
the current limits are set as follows at TC = 25°C:
SHORT TO ±V
S
SHORT TO
±V
S
C, L, OR EMF LOAD
COMMON
45V
.43A
3.0A
40V
.65A
3.4A
35V
1.0A
3.9A
30V
1.7A
4.5A
25V
2.7A
5.4A
20V
3.4A
6.7A
15V
4.5A
9.0A
These simplified limits may be exceeded with further analysis using the operating conditions for a specific applica-
tion.
CURRENT LIMITING
Refer to Application Note 9, "Current Limiting", for details of both fixed and foldover current limit operation. Visit the
Apex Precision Power web site at www.cirrus.com for a copy of Power_design.exe which plots current limits vs.
steady state SOA. Beware that current limit should be thought of as a ±20% function initially and varies about 2:1
over the range of –55°C to 125°C.
For fixed current limit, leave pin 4 open and use equations 1 and 2.
R
CL =
0.65
I
CL
(1)
I
CL =
0.65
R
CL
(2)
Where:
I
CL is the current limit in amperes.
R
CL is the current limit resistor in ohms.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com