Electronic Components Datasheet Search
  English  ▼

X  

BAS216 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS216
Description  High-speed switching diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS216 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS216 Datasheet HTML 1Page - NXP Semiconductors BAS216 Datasheet HTML 2Page - NXP Semiconductors BAS216 Datasheet HTML 3Page - NXP Semiconductors BAS216 Datasheet HTML 4Page - NXP Semiconductors BAS216 Datasheet HTML 5Page - NXP Semiconductors BAS216 Datasheet HTML 6Page - NXP Semiconductors BAS216 Datasheet HTML 7Page - NXP Semiconductors BAS216 Datasheet HTML 8Page - NXP Semiconductors BAS216 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2002 May 28
2
NXP Semiconductors
Product data sheet
High-speed switching diode
BAS216
FEATURES
• Small ceramic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage:
max. 75 V
• Repetitive peak reverse voltage:
max. 85 V
• Repetitive peak forward current:
max. 500 mA.
APPLICATIONS
• High-speed switching in e.g.
surface mounted circuits.
DESCRIPTION
The BAS216 is a high-speed switching diode fabricated in planar technology,
and encapsulated in the SOD110 very small rectangular ceramic SMD
package.
handbook, 4 columns
MAM139
ka
cathode mark
top view
side view
bottom view
ak
Fig.1 Simplified outline (SOD110) and symbol.
Marking code: A6.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
−
85
V
VR
continuous reverse voltage
−
75
V
IF
continuous forward current
note 1
−
250
mA
IFRM
repetitive peak forward current
−
500
mA
IFSM
non-repetitive peak forward current
square wave; Tj = 25 °C prior to
surge; see Fig.4
t = 1
µs
−
4
A
t = 1 ms
−
1
A
t = 1 s
−
0.5
A
Ptot
total power dissipation
Tamb = 25 °C; see Fig.2; note 1
−
400
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com