Electronic Components Datasheet Search
  English  ▼

X  

BAS521 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS521
Description  High voltage switching diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS521 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS521 Datasheet HTML 1Page - NXP Semiconductors BAS521 Datasheet HTML 2Page - NXP Semiconductors BAS521 Datasheet HTML 3Page - NXP Semiconductors BAS521 Datasheet HTML 4Page - NXP Semiconductors BAS521 Datasheet HTML 5Page - NXP Semiconductors BAS521 Datasheet HTML 6Page - NXP Semiconductors BAS521 Datasheet HTML 7Page - NXP Semiconductors BAS521 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2003 Aug 12
5
NXP Semiconductors
Product data sheet
High voltage switching diode
BAS521
handbook, full pagewidth
MBG703
10
tp (µs)
1
IFSM
(A)
102
10−1
104
102
103
10
1
Fig.6 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents.
Tj = 25°C prior to surge.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com