Electronic Components Datasheet Search
  English  ▼

X  

PA92 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA92
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA92 Datasheet(HTML) 5 Page - Cirrus Logic

  PA92 Datasheet HTML 1Page - Cirrus Logic PA92 Datasheet HTML 2Page - Cirrus Logic PA92 Datasheet HTML 3Page - Cirrus Logic PA92 Datasheet HTML 4Page - Cirrus Logic PA92 Datasheet HTML 5Page - Cirrus Logic PA92 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PA92
PA92U
5
P r o d u c t I n n o v a t i o n F r o m
®
SAFE OPERATING CURVES
Thesafeoperatingareacurvesdefinethemaximumadditionalinternalpowerdissipationtheamplifiercantolerate
whenitproducesthenecessaryoutputtodriveanexternalload.
INPUT PROTECTION
AlthoughthePA92canwithstanddifferentialvoltagesupto±20V,ad-
ditionalexternalprotectionisrecommended.Lowleakage,lowcapaci-
tanceJFETsconnectedasdiodesarerecommended(e.g.2N4416,Q1-
Q4inFigure2).Thedifferentialinputvoltagewillbeclampedto±1.4V.
Thisissufficientoverdrivetoproducemaximumpowerbandwidth.
POWER SUPPLY PROTECTION
Unidirectionalzenerdiodetransientsuppressorsarerecommendedas
protectiononthesupplypins.SeeFigure2.Thezenersclamptransients
tovoltageswithinthepowersupplyratingandalsoclamppowersupply
reversals to ground. Whether the zeners are used or not, the system
powersupplyshouldbeevaluatedfortransientperformanceincluding
power-onovershootandpower-offpolarityreversalsaswellaslineregulation.
Conditionswhichcancauseopencircuitsorpolarityreversalsoneitherpowersupplyrailshouldbeavoidedorpro-
tectedagainst.Reversalsoropensonthenegativesupplyrailisknowntoinduceinputstagefailure.Unidirectional
transzorbspreventthis,anditisdesirablethattheybebothelectricallyandphysicallyasclosetotheamplifieras
possible.
STABILITY
ThePA92isexternallycompensatedandperformancecanbetailoredtotheapplication.Usethegraphsofsmall
signalresponseandpowerresponseasaguide.ThecompensationcapacitorC
Cmustberatedat500Vworking
voltage.AnNPOcapacitorisrecommended.ThecompensationnetworkC
CRCmustbemountedcloselytotheam-
plifierpins4and5toavoidspuriousoscillation.
QUIESCENT CURRENT REDUCTION
Whenpin3(I
Q)isshortedtopin5(CC2)theABbiasingoftheoutputstageisdisabled.Thislowersquiescentpower
butalsoraisesdistortionsincetheoutputstageisthenclassCbiased.Theoutputstagebiascurrentisnominally
setat1mA.Pin3maybeleftopenifnotused.
+VS
–IN
+IN
Z1
Z2
11, 12
7, 8
1
2
6
PA90
Q1
Q2
–VS
Q3
Q4
FIGURE 2.
OVERVOLTAGE
PROTECTION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com