Electronic Components Datasheet Search
  English  ▼

X  

BAT85 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT85
Description  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT85 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT85 Datasheet HTML 1Page - NXP Semiconductors BAT85 Datasheet HTML 2Page - NXP Semiconductors BAT85 Datasheet HTML 3Page - NXP Semiconductors BAT85 Datasheet HTML 4Page - NXP Semiconductors BAT85 Datasheet HTML 5Page - NXP Semiconductors BAT85 Datasheet HTML 6Page - NXP Semiconductors BAT85 Datasheet HTML 7Page - NXP Semiconductors BAT85 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2000 May 25
3
NXP Semiconductors
Product data sheet
Schottky barrier diode
BAT85
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1.
Refer to SOD68 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
see Fig.3
IF = 0.1 mA
240
mV
IF = 1 mA
320
mV
IF = 10 mA
400
mV
IF = 30 mA
500
mV
IF = 100 mA
800
mV
IR
reverse current
VR = 25 V; see Fig.4
2
μA
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω;
measured at IR = 1 mA; see Fig.6
4
ns
Cd
diode capacitance
f = 1 MHz; VR = 1 V; see Fig.5
10
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
320
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com