Electronic Components Datasheet Search
  English  ▼

X  

BAT86 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAT86
Description  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT86 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAT86 Datasheet HTML 1Page - NXP Semiconductors BAT86 Datasheet HTML 2Page - NXP Semiconductors BAT86 Datasheet HTML 3Page - NXP Semiconductors BAT86 Datasheet HTML 4Page - NXP Semiconductors BAT86 Datasheet HTML 5Page - NXP Semiconductors BAT86 Datasheet HTML 6Page - NXP Semiconductors BAT86 Datasheet HTML 7Page - NXP Semiconductors BAT86 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2000 May 25
4
NXP Semiconductors
Product data sheet
Schottky barrier diode
BAT86
GRAPHICAL DATA
Fig.2 Derating curve.
handbook, halfpage
0
50
100
150
200
250
0
50
100
150
IF(AV)
(mA)
T
( C)
amb
o
MRA540
handbook, halfpage
1.2
0.8
0.4
0
VF (V)
IF
(mA)
103
102
10
1
10−1
MLD357
(1) (2) (3)
(1)
(2) (3)
Fig.3
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
(1) Tamb = 85 °C.
(2) Tamb = 25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
10 5
10
(nA)
I
R
4
10 3
10 2
10
10
1
−1
50
0
MGC686
10
20
30
40
V
R
(V)
(1)
(2)
(3)
Fig.4
Reverse current as a function of reverse
voltage; typical values.
f = 1 MHz.
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.
handbook, halfpage
050
12
Cd
0
4
8
(pF)
MGC687
10
20
30
40
V
R
(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com