Electronic Components Datasheet Search
  English  ▼

X  

BAT754 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAT754
Description  Schottky barrier (double) diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT754 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAT754 Datasheet HTML 1Page - NXP Semiconductors BAT754 Datasheet HTML 2Page - NXP Semiconductors BAT754 Datasheet HTML 3Page - NXP Semiconductors BAT754 Datasheet HTML 4Page - NXP Semiconductors BAT754 Datasheet HTML 5Page - NXP Semiconductors BAT754 Datasheet HTML 6Page - NXP Semiconductors BAT754 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2003 Mar 25
2
NXP Semiconductors
Product data sheet
Schottky barrier (double) diodes
BAT754 series
FEATURES
• Very low forward voltage
• Guard ring protected
• Small plastic SMD package
• Low diode capacitance.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes
• Low power consumption
applications, e.g. hand-held
applications.
DESCRIPTION
Planar Schottky barrier diodes
encapsulated in a SOT23 small
plastic SMD package. Low forward
voltage selection of the BAT54 series.
Single diodes and double diodes with
different pinning are available.
PINNING
PIN
BAT754
A
C
S
1
a
k1
a1
a1
2
n.c.
k2
a2
k2
3
k
a1, a2 k1, k2 k1, a2
Fig.1
Simplified outline
(SOT23) and pin
configuration.
handbook, 2 columns
2
1
3
MGC421
Top view
Fig.2
BAT754 single diode
configuration (symbol).
3
1
2
n.c.
MLC357
Fig.3
BAT754A diode
configuration (symbol).
3
12
MLC360
Fig.4
BAT754C diode
configuration (symbol).
3
12
MLC359
Fig.5
BAT754S diode
configuration (symbol).
3
12
MLC358
MARKING
Note
1.
∗ = p : Made in Hong Kong.
∗ = t : Made in Malaysia.
∗ = W : Made in China.
TYPE NUMBER
MARKING
CODE(1)
BAT754
2K*
BAT754A
2L*
BAT754C
2M*
BAT754S
2N*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com