Electronic Components Datasheet Search
  English  ▼

X  

PA95 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA95
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA95 Datasheet(HTML) 3 Page - Cirrus Logic

  PA95 Datasheet HTML 1Page - Cirrus Logic PA95 Datasheet HTML 2Page - Cirrus Logic PA95 Datasheet HTML 3Page - Cirrus Logic PA95 Datasheet HTML 4Page - Cirrus Logic PA95 Datasheet HTML 5Page - Cirrus Logic PA95 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PA95
PA95U
3
P r o d u c t I n n o v a t i o n F r o m
®
NOTES: 1. Unlessotherwisenoted:T
C=25°C,DCinputspecificationsare±valuegiven.Powersupplyvoltage
istypicalrating.C
c=4.7pF.
2. Longtermoperationatthemaximumjunctiontemperaturewillresultinreducedproductlife.Derate
internalpowerdissipationtoachievehighMTTF.
3. Althoughsupplyvoltagescanrangeupto±450Vtheinputpinscannotswingoverthisrange.The
inputpinsmustbeatleast30Vfromeithersupplyrailbutnotmorethan500Vfromeithersupplyrail.
Seetextforamorecompletedescriptionofthecommonmodevoltagerange.
4. Ratingappliesiftheoutputcurrentalternatesbetweenbothoutputtransistorsataratefasterthan
60Hz.
5. Deratemaxsupplyrating.625V/°Cbelow25°Ccase.Noderatingneededabove25°Ccase.
TYPICAL PERFORMANCE GRAPHS
Parameter
Test Conditions1
Min
Typ
Max
Units
POWER SUPPLY
VOLTAGE(Note5)
±50
±300
±450
V
CURRENT,quiescent
1.6
2.2
mA
THERMAL
RESISTANCE,AC,junctiontocase(Note4) Fulltemprange,F>60Hz
2.5
°C/W
RESISTANCE,DC,junctiontocase
Fulltemprange,F<60Hz
4.2
°C/W
RESISTANCE,junctiontoair
Fulltemprange
30
°C/W
TEMPERATURERANGE,case
-25
+85
°C
0
25
50
75 100 125 150
TEMPERATURE, T (°C)
0
5
15
20
POWER DERATING
10
100
10K
1M
FREQUENCY, F (Hz)
OUTPUT CURRENT, I
O (mA)
OUTPUT VOLTAGE SWING
3
10
20
100
CURRENT LIMIT RESISTOR, R
CL (Ω)
10
30
200
CURRENT LIMIT
50
70
5
50
20
INPUT NOISE
1K
2
7
10
20
3
5
15
10
30
25
120
100
150
T = T
C
T = T
A
SAFE OPERATING AREA
SUPPLY TO OUTPUT DIFFERENTIAL, V
S –VO (V)
50
50
5
10
15
25
DC,
T
C
= 125°C
DC,
T
C
= 85°C
200mS
PULSE CURVES @
10% DUTY CYCLE MAX
DC,
T
C
= 25°C
100mS
100
100
150
200
250
500
1K
1M
2M
3M
4M 5M
FREQUENCY, F (Hz)
-90
-135
-180
-225
-270
-315
-360
PHASE RESPONSE
C
C = 4.7pF
100K
300K
FREQUENCY, F (Hz)
50
1K
500
POWER RESPONSE
100
10K
C
C = 4.7pF
200
0
200
600
800 1000
TOTAL SUPPLY VOLTAGE, V
S (V)
1.08
1.04
1.00
.96
.92
.88
QUIESCENT CURRENT
400
FREQUENCY, F (Hz)
SMALL SIGNAL RESPONSE
0
60
120
20
40
80
100
100
1K 10K 100K 1M 10M
10
C
C = 4.7pF
0
100
4
8
24
40
16
32
20
60
40
T C=
25°C
TC = –55°C
T C
= 85°C
80



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com