Electronic Components Datasheet Search
  English  ▼

X  

BB181 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB181
Description  VHF variable capacitance diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB181 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB181_09 Datasheet HTML 1Page - NXP Semiconductors BB181_09 Datasheet HTML 2Page - NXP Semiconductors BB181_09 Datasheet HTML 3Page - NXP Semiconductors BB181_09 Datasheet HTML 4Page - NXP Semiconductors BB181_09 Datasheet HTML 5Page - NXP Semiconductors BB181_09 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BB181_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 February 2009
2 of 6
NXP Semiconductors
BB181
VHF variable capacitance diode
4.
Marking
5.
Limiting values
6.
Characteristics
Table 3.
Marking codes
Type number
Marking code
BB181
N
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min Max
Unit
VR
reverse voltage
-
30
V
IF
forward current
-
20
mA
Tstg
storage temperature
−55 +150 °C
Tj
junction temperature
−55 +150 °C
Table 5.
Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IR
reverse current
see Figure 2
VR =30V
-
-
10
nA
VR =30V; Tj =85 °C
-
-
200
nA
rs
diode series resistance
f = 470 MHz at Cd =9pF
-
-
3
Ω
Cd
diode capacitance
f = 1 MHz; see Figure 1 and
Figure 3
VR = 0.5 V
8
-
17
pF
VR = 28 V
0.7
-
1.055
pF
Cd(0V5)/Cd(28V) diode capacitance ratio (0.5 V to 28 V) f = 1 MHz
12
-
16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com