Electronic Components Datasheet Search
  English  ▼

X  

ZHCS400 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZHCS400
Description  SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS400 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZHCS400 Datasheet HTML 1Page - Zetex Semiconductors ZHCS400 Datasheet HTML 2Page - Zetex Semiconductors ZHCS400 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZHCS400
TYPICAL CHARACTERISTICS
100u
150
0
DC=0.1
100
DC=0.2
0
Pulse Width
Transient Thermal Resistance
400m
200m
0
TA - Ambient Temperature (°C)
Single Pulse
DC=1
DC=0.5
1m
10m
100m
1
10
100
D=t1
tP
t1
tP
50
100
1k
200
300
400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com