Electronic Components Datasheet Search
  English  ▼

X  

PA241CE Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA241CE
Description  High Voltage Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA241CE Datasheet(HTML) 2 Page - Cirrus Logic

  PA241CE Datasheet HTML 1Page - Cirrus Logic PA241CE Datasheet HTML 2Page - Cirrus Logic PA241CE Datasheet HTML 3Page - Cirrus Logic PA241CE Datasheet HTML 4Page - Cirrus Logic PA241CE Datasheet HTML 5Page - Cirrus Logic PA241CE Datasheet HTML 6Page - Cirrus Logic PA241CE Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PA241
2
PA241U
P r o d u c t I n n o v a t i o n F r o m
ABSOLUTEMAXIMUMRATINGS
PA241CE
PA241DF
PA241CEA
PA241DFA
SUPPLY VOLTAGE, +V
S to –VS
350V
350V
OUTPUT CURRENT, continuous within SOA
60 mA
60 mA
OUTPUT CURRENT, peak
120 mA
120 mA
POWER DISSIPATION, continuous @ T
C = 25°C
12W
12W
INPUT VOLTAGE, differential
±16 V
±16 V
INPUT VOLTAGE, common mode
±V
S
±V
S
TEMPERATURE, pin solder – 10 sec
300°C
220°C
TEMPERATURE, junction2
150°C
150°C
TEMPERATURE, storage
–65 to +150°C
–65 to +150°C
TEMPERATURE RANGE, powered (case)
–40 to +125°C
–40 to +125°C
CAUTION
The PA241 is constructed from MOSFET transistors. ESD handling procedures must be observed.
PA241CE, PA241DF
PA241CEA
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
25
40
15
30
mV
OFFSET VOLTAGE, vs. temperature3
25° to 85°C
100
250
*
*
µV/°C
OFFSET VOLTAGE, vs. temperature3
-25° to 25°C
270
500
*
*
µV/°C
OFFSET VOLTAGE, vs supply
3
*
µV/V
OFFSET VOLTAGE, vs time
70
130
*
*
µV/kh
BIAS CURRENT, initial6
5/50
50/200
*
*
pA
BIAS CURRENT, vs supply
0.2/2
*
pA/V
OFFSET CURRENT, initial6
2.5/50
50/200
*
*
pA
INPUT IMPEDANCE, DC
1011
*
INPUT CAPACITANCE
6
*
pF
COMMON MODE, voltage range
+V
S–14
*
V
COMMON MODE, voltage range
-V
S+12
*
V
COMMON MODE REJECTION, DC
V
CM = ±90V DC
84
94
*
*
dB
NOISE, broad band
10kHz BW, R
S = 1K
50
*
µV RMS
NOISE, low frequency
1-10 Hz
125
*
µV p-p
GAIN
OPEN LOOP at 15Hz
R
L = 5K
90
96
*
*
dB
BANDWIDTH, gain bandwidth product
3
*
MHz
POWER BANDWIDTH
280V p-p
30
*
kHz
OUTPUT
VOLTAGE SWING
I
O = 40mA
±V
S–12
±V
S–10
±V
S–10
±V
S–8.5
V
CURRENT, peak4
120
*
mA
CURRENT, continuous
60
*
mA
SETTLING TIME to .1%
10V step, A
V = –10
2
*
µs
SLEW RATE
C
C = 3.3pF
30
*
V/µs
RESISTANCE5, 1mA
R
CL = 0
150
*
Ω
RESISTANCE5, 40 mA
R
CL = 0
5
*
Ω
POWER SUPPLY
VOLTAGE
±50
±150
±175
*
*
*
V
CURRENT, quiescent
2.2
2.5
*
2.3
mA
THERMAL
PA241CE RESISTANCE, AC junction to case F > 60Hz
5.4
6.5
*
*
°C/W
PA241DF RESISTANCE, AC junction to case
F > 60Hz
6
7
*
*
°C/W
PA241CE RESISTANCE, DC junction to case F < 60Hz
9
10.4
*
*
°C/W
PA241DF RESISTANCE, DC junction to case F < 60Hz
9
11
*
*
°C/W
PA241CE RESISTANCE, junction to air
Full temperature range
30
*
°C/W
PA241DF RESISTANCE, junction to air7
Full temperature range
25
*
°C/W
TEMPERATURE RANGE, case
Meets full range spec's
–25
+85
*
*
°C
SPECIFICATIONS
NOTES:
*
"A" specification is the same as the non "A" specification.
1.
Unless otherwise noted T
C = 25°C, CC = 6.8pF. DC input specifications are ± value given. Power supply voltage is typical
rating.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF. For guidance, refer to heatsink data sheet.
3.
Sample tested by wafer to 95%.
4.
Guaranteed but not tested.
5.
The selected value of R
CL must be added to the values given for total output resistance.
6.
Specifications separated by / indicate values for the PA241CE and PA241DF respectively.
7.
Rating applies with solder connection of heatslug to a minimum 1 square inch foil area of the printed circuit board.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com