Electronic Components Datasheet Search
  English  ▼

X  

ZHCS500 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZHCS500
Description  SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS500 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZHCS500 Datasheet HTML 1Page - Zetex Semiconductors ZHCS500 Datasheet HTML 2Page - Zetex Semiconductors ZHCS500 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
110
100
0
0
0
VF - Forward Voltage (V)
IF v VF
1m
0
TC - Case Temperature (°C)
IF(av) v TC
125
65
VR - Reverse Voltage (V)
Ta v VR
1n
VR - Reverse Voltage (V)
IR v VR
0
IF(av) - Avg Fwd Curr (A)
PF(av) v IF(av)
90
0
VR - Reverse Voltage (V)
CD v VR
-55°C
+25°C
DC
D=0.5
95
p
t
1
t
1
D=t
/t p
I
F(pk)
I
F(av)
=DxI
F(pk)
Tj=125°C
F(av)
P
F(av)
=I
xV
F
P
I
t
1
F(pk)
=DxI
F(av)
=I
F(av)
F(av)
F
xV
F(pk)
p
t
/t
D=t
1
I
p
D=0.2
D=0.05
Rth=100° C/W
Rth=200°C/W
Rth=300°C/W
50
0.6
0.2
0.4
0.1
0.2
0.3
0.4
0.1
0.2
0.3
0.4
0.5
0.6
10m
100m
1
0.1
0.2
0.3
0.4
0.5
10n
100n
1u
10u
100u
1m
10m
100m
10
20
30
40
+125°C
+125°C
+100°C
+50°C
+25°C
-55°C
DC
DC=0.5
DC=0.2
DC=0.1
DC=0.05
10
20
30
40
100
105
110
115
120
125
D=0.1
ZHCS500
TYPICAL CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com