Electronic Components Datasheet Search
  English  ▼

X  

BC549C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC549C
Description  NPN general purpose transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC549C Datasheet(HTML) 3 Page - NXP Semiconductors

  BC549C Datasheet HTML 1Page - NXP Semiconductors BC549C Datasheet HTML 2Page - NXP Semiconductors BC549C Datasheet HTML 3Page - NXP Semiconductors BC549C Datasheet HTML 4Page - NXP Semiconductors BC549C Datasheet HTML 5Page - NXP Semiconductors BC549C Datasheet HTML 6Page - NXP Semiconductors BC549C Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Oct 11
3
NXP Semiconductors
Product data sheet
NPN general purpose transistors
BC549; BC550
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Notes
1. VBEsat decreases by about 1.7 mV/K with increasing temperature.
2. VBE decreases by about 2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 30 V; IE = 0 A
−
−
15
nA
VCB = 30 V; IE = 0 A; Tj = 150 °C
−
−
5
μA
IEBO
emitter-base cut-off current
VEB = 5 V; IC = 0 A
−
−
100
nA
hFE
DC current gain
VCE = 5 V; see Fig.2
IC = 10 μA
−
270
−
IC = 2 mA
420
520
800
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−
90
250
mV
IC = 100 mA; IB = 5 mA
−
200
600
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA; note 1
−
700
−
mV
IC = 100 mA; IB = 5 mA; note 1
−
900
−
mV
VBE
base-emitter voltage
VCE = 5 V; IC = 2 mA; note 2
580
660
700
mV
VCE = 5 V; IC = 10 mA; note 2
−
−
770
mV
Cc
collector capacitance
VCB = 10 V; IE = ie = 0 A;
f = 1 MHz
−
1.5
−
pF
Ce
emitter capacitance
VEB = 0.5 V; IC = ic = 0 A;
f = 1 MHz
−
11
−
pF
fT
transition frequency
VCE = 5 V; IC = 10 mA;
f = 100 MHz
100
−
−
MHz
F
noise figure
VCE = 5 V; IC = 200 μA;
RS = 2 kΩ; f = 10 Hz to 15.7 kHz
−
−
4
dB
VCE = 5 V; IC = 200 μA;
RS = 2 kΩ; f = 1 kHz; B = 200 Hz
−
−
4
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com