Electronic Components Datasheet Search
  English  ▼

X  

BC559C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC559C
Description  PNP general purpose transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC559C Datasheet(HTML) 3 Page - NXP Semiconductors

  BC559C Datasheet HTML 1Page - NXP Semiconductors BC559C Datasheet HTML 2Page - NXP Semiconductors BC559C Datasheet HTML 3Page - NXP Semiconductors BC559C Datasheet HTML 4Page - NXP Semiconductors BC559C Datasheet HTML 5Page - NXP Semiconductors BC559C Datasheet HTML 6Page - NXP Semiconductors BC559C Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Nov 05
3
NXP Semiconductors
Product data sheet
PNP general purpose transistor
BC559
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Notes
1.
VBEsat decreases by about −1.7 mV/K with increasing temperature.
2.
VBE decreases by about −2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −30 V; IE = 0 A
−
−1
−15
nA
VCB = −30 V; IE = 0 A; Tj = 150 °C
−
−
−4
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0 A
−
−
−100
nA
hFE
DC current gain; BC559C
VCE = −5 V; IC = −2 mA; see Fig.2
420
−
800
VCEsat
collector-emitter saturation
voltage
IC = −10 mA; IB = −0.5 mA
−
−60
−300
mV
IC = −100 mA; IB = −5 mA
−
−180
−650
mV
VBEsat
base-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA; note 1
−
−750
−
mV
IC = −100 mA; IB = −5 mA; note 1
−
−930
−
mV
VBE
base-emitter voltage
VCE = −5 V; IC = −2 mA; note 2
−600 −650
−750
mV
VCE = −5 V; IC = −10 mA; note 2
−
−
−820
mV
Cc
collector capacitance
VCB = −10 V; IE = ie = 0 A; f = 1 MHz
−
4
−
pF
fT
transition frequency
VCB = −5 V; IE = −10 mA; f = 100 MHz 100
−
−
MHz
F
noise figure; BC559C
VCE = −5 V; IC = −200 μA; RS = 2 kΩ;
f = 30 Hz to 15.7 kHz
−
−
4
dB
VCE = −5 V; IC = −200 μA; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz
−
−
4
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com