Electronic Components Datasheet Search
  English  ▼

X  

BC618 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC618
Description  NPN Darlington transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC618 Datasheet(HTML) 3 Page - NXP Semiconductors

  BC618 Datasheet HTML 1Page - NXP Semiconductors BC618 Datasheet HTML 2Page - NXP Semiconductors BC618 Datasheet HTML 3Page - NXP Semiconductors BC618 Datasheet HTML 4Page - NXP Semiconductors BC618 Datasheet HTML 5Page - NXP Semiconductors BC618 Datasheet HTML 6Page - NXP Semiconductors BC618 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Nov 05
3
NXP Semiconductors
Product data sheet
NPN Darlington transistor
BC618
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
80
V
VCES
collector-emitter voltage
VBE = 0 V
−
55
V
VEBO
emitter-base voltage
open collector
−
12
V
IC
collector current (DC)
−
500
mA
ICM
peak collector current
−
800
mA
IB
base current (DC)
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
625
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
200
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com