Electronic Components Datasheet Search
  English  ▼

X  

BC636 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BC636
Description  45 V, 1 A PNP medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC636 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BC636 Datasheet HTML 7Page - NXP Semiconductors BC636 Datasheet HTML 8Page - NXP Semiconductors BC636 Datasheet HTML 9Page - NXP Semiconductors BC636 Datasheet HTML 10Page - NXP Semiconductors BC636 Datasheet HTML 11Page - NXP Semiconductors BC636 Datasheet HTML 12Page - NXP Semiconductors BC636 Datasheet HTML 13Page - NXP Semiconductors BC636 Datasheet HTML 14Page - NXP Semiconductors BC636 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
BC636_BCP51_BCX51_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 22 February 2008
13 of 15
NXP Semiconductors
BC636; BCP51; BCX51
45 V, 1 A PNP medium power transistors
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BC636_BCP51_BCX51_8
20080222
Product data sheet
-
BC636_BCP51_BCX51_7
Modifications:
• Figure 11: amended
BC636_BCP51_BCX51_7
20070629
Product data sheet
-
BC636_BCP51_BCX51_6
BC636_BCP51_BCX51_6
20060329
Product data sheet
-
BC636_638_640_5
BCP51_52_53_5
BCX51_52_53_4
BC636_638_640_5
20041011
Product specification
-
BC636_638_640_4
BCP51_52_53_5
20030206
Product specification
-
BCP51_52_53_4
BCX51_52_53_4
20011010
Product specification
-
BCX51_52_53_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com