Electronic Components Datasheet Search
  English  ▼

X  

BC817DPN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC817DPN
Description  NPN/PNP general purpose transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC817DPN Datasheet(HTML) 2 Page - NXP Semiconductors

  BC817DPN Datasheet HTML 1Page - NXP Semiconductors BC817DPN Datasheet HTML 2Page - NXP Semiconductors BC817DPN Datasheet HTML 3Page - NXP Semiconductors BC817DPN Datasheet HTML 4Page - NXP Semiconductors BC817DPN Datasheet HTML 5Page - NXP Semiconductors BC817DPN Datasheet HTML 6Page - NXP Semiconductors BC817DPN Datasheet HTML 7Page - NXP Semiconductors BC817DPN Datasheet HTML 8Page - NXP Semiconductors BC817DPN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2002 Nov 22
2
NXP Semiconductors
Product data sheet
NPN/PNP general purpose transistor
BC817DPN
FEATURES
• High current (500 mA)
• 600 mW total power dissipation
• Replaces two SOT23 packaged transistors on same
PCB area.
APPLICATIONS
• General purpose switching and amplification
• Complementary driver
• Half and full bridge driver.
DESCRIPTION
NPN/PNP transistor pair in a SOT457 (SC-74) plastic
package.
MARKING
TYPE NUMBER
MARKING CODE
BC817DPN
N4
PINNING
PIN
DESCRIPTION
1, 4
emitter
TR1; TR2
2, 5
base
TR1; TR2
6, 3
collector
TR1; TR2
handbook, halfpage
MAM445
13
2
TR1
TR2
6
4
5
Top view
12
3
65
4
Fig.1
Simplified outline (SOT457) and symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
45
V
IC
collector current (DC)
500
mA
ICM
peak collector current
1
A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
−
50
V
VCEO
collector-emitter voltage
open base
−
45
V
VEBO
emitter-base voltage
open collector
−
5
V
IC
collector current (DC)
−
500
mA
ICM
peak collector current
−
1
A
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
370
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
600
mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com