Electronic Components Datasheet Search
  English  ▼

X  

BC846 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BC846
Description  65 V, 100 mA NPN general-purpose transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC846 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BC846 Datasheet HTML 6Page - NXP Semiconductors BC846 Datasheet HTML 7Page - NXP Semiconductors BC846 Datasheet HTML 8Page - NXP Semiconductors BC846 Datasheet HTML 9Page - NXP Semiconductors BC846 Datasheet HTML 10Page - NXP Semiconductors BC846 Datasheet HTML 11Page - NXP Semiconductors BC846 Datasheet HTML 12Page - NXP Semiconductors BC846 Datasheet HTML 13Page - NXP Semiconductors BC846 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
BC846_BC546_SER_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 17 November 2009
12 of 14
NXP Semiconductors
BC846/BC546 series
65 V, 100 mA NPN general-purpose transistors
11. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BC846_BC546_SER_7
20091117
Product data sheet
-
BC846_BC546_SER_6
Modifications:
• This data sheet was changed to reflect the new company name NXP Semiconductors,
including new legal definitions and disclaimers. No changes were made to the technical
content.
• Table 3 “Pinning”: updated
• Figure 17 “Reflow soldering footprint SOT323 (SC-70)”: updated
• Figure 18 “Wave soldering footprint SOT323 (SC-70)”: updated
• Figure 19 “Reflow soldering footprint SOT416 (SC-75)”: updated
BC846_BC546_SER_6
20060207
Product data sheet
-
BC846_BC847_
BC848_5 BC846T_847T_
SERIES_3
BC846W_BC847W_
BC848W_4
BC546_547_4
BC846_BC847_BC848_5 20040206
Product specification
-
BC846_BC847_
BC848_4
BC846T_847T_SERIES_
3
20001115
Product specification
-
BC846T_847T_2
BC846W_BC847W_
BC848W_4
20020204
Product specification
-
BC846W_847W_3
BC546_547_4
20041125
Product specification
-
BC546_547_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com