Electronic Components Datasheet Search
  English  ▼

X  

CS4205 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4205
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4205 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4205 Datasheet HTML 35Page - Cirrus Logic CS4205 Datasheet HTML 36Page - Cirrus Logic CS4205 Datasheet HTML 37Page - Cirrus Logic CS4205 Datasheet HTML 38Page - Cirrus Logic CS4205 Datasheet HTML 39Page - Cirrus Logic CS4205 Datasheet HTML 40Page - Cirrus Logic CS4205 Datasheet HTML 41Page - Cirrus Logic CS4205 Datasheet HTML 42Page - Cirrus Logic CS4205 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
CS4205
DS489PP4
39
5.18
Extended Modem ID Register (Index 3Ch)
ID[1:0]
Codec ID. These bits indicate the current codec configuration. When ID[1:0] = 00, the
CS4205 is the primary audio codec. When ID[1:0] = 01, 10, or 11, the CS4205 is a secondary
audio codec. The state of the ID[1:0] bits is determined at power-up from the ID[1:0]# pins
and the current clocking scheme, see Table 27 on page 63.
Default
x000h. This value indicates no supported modem functions.
The Extended Modem ID Register (Index 3Ch) is a read/write register that identifies the CS4205 modem capabilities.
Writing any value to this location issues a reset to modem registers (Index 3Ch-54h), including GPIO registers
(Index 4Ch - 54h). Audio registers are not reset by a write to this location.
5.19
Extended Modem Status/Control Register (Index 3Eh)
PRA
GPIO Powerdown. When ‘set’, the PRA bit powers down the GPIO subsystem. When the
GPIO section is powered down, all outputs must be tri-stated and input Slot 12 should be
marked invalid when the AC-link is active. To use any GPIO functionality, including Internal
Error Signaling, PRA must be cleared first.
GPIO
GPIO. When ‘set’, the GPIO bit indicates the GPIO subsystem is ready for use. When ‘set’,
input Slot 12 will also be marked valid.
Default
0100h
5.20
GPIO Pin Configuration Register (Index 4Ch)
GC[4:0]
GPIO Pin Configuration. When ‘set’, the GC[4:0] bits define the corresponding GPIO pin as
an input. When ‘clear’, the corresponding GPIO pin is defined as an output. When the SDEN
bit in the Serial Port Control Register (Index 6Ah) is ‘set’, the GC[1:0] bits are read-only bits
and always return ‘0’. When SDEN is ‘clear’, the GC[1:0] bits function normally. Likewise,
GC2 depends on SDI1, GC3 depends on SDI2, and GC4 depends on SDI3. The SDI[1:3] bits
are located in the Serial Port Control Register (Index 6Ah).
Default
001Fh. This value corresponds to all GPIO pins configured as inputs.
After a Cold Reset or a modem Register Reset (see Extended Modem ID Register (Index 3Ch)), all GPIO pins are
configured as inputs. The upper 11 bits of this register always return ‘0’.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ID1
ID0
0
0
0
000
00
000
00
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
PRA
00
000
00
GPIO
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
0
0
0
GC4
GC3
GC2
GC1
GC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com