Electronic Components Datasheet Search
  English  ▼

X  

CS4391 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4391
Description  24-Bit, 192 kHz Stereo DAC with Volume Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4391 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4391 Datasheet HTML 9Page - Cirrus Logic CS4391 Datasheet HTML 10Page - Cirrus Logic CS4391 Datasheet HTML 11Page - Cirrus Logic CS4391 Datasheet HTML 12Page - Cirrus Logic CS4391 Datasheet HTML 13Page - Cirrus Logic CS4391 Datasheet HTML 14Page - Cirrus Logic CS4391 Datasheet HTML 15Page - Cirrus Logic CS4391 Datasheet HTML 16Page - Cirrus Logic CS4391 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
CS4391
DS335PP4
13
DSD_B
Audio
Data
Processor
*
External Clock
MCLK
AGND
AOUTB+
CS4391
DSD_A
VA
AOUTB-
+5V to +3V
Analog
Mode
Select
M1 (SDA/CDIN)
M0 (AD0/CS)
AOUTA-
AOUTA+
VL
Analog
Conditioning
&
Mute
Analog
Conditioning
&
Mute
17
19
18
14
15
16
1
2
3
4
7
8
9
10
M2 (SCL/CCLK)
DSD_CLK
1.0
µf
+
RST
6
12
1.0 µf
0.1 µf
1.0 µf
11
FILT+
0.1 µf
+
+
CMOUT
BMUTEC 13
AMUTEC 20
(Control Port)
5
DSD_MODE
Logic Power
+5V to 1.8V
0.1 µf
Figure 6. Typical Connection Diagram - DSD Mode
* A high logic level for all digital inputs should not exceed VL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com