Electronic Components Datasheet Search
  English  ▼

X  

CDB5361 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB5361
Description  114 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5361 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB5361 Datasheet HTML 9Page - Cirrus Logic CDB5361 Datasheet HTML 10Page - Cirrus Logic CDB5361 Datasheet HTML 11Page - Cirrus Logic CDB5361 Datasheet HTML 12Page - Cirrus Logic CDB5361 Datasheet HTML 13Page - Cirrus Logic CDB5361 Datasheet HTML 14Page - Cirrus Logic CDB5361 Datasheet HTML 15Page - Cirrus Logic CDB5361 Datasheet HTML 16Page - Cirrus Logic CDB5361 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CS5361
DS467F2
13
Figure 18. Left Justified Serial Audio Interface
SDATA
23 22
7 6
23 22
SCLK
LRCK
23 22
54 32 10
8
76 54 32 10
8
9
9
Left Channel
Right Channel
Figure 19. I2S Serial Audio Interface
SDATA
23 22
8
7
23 22
SCLK
LRCK
23 22
65
43
21
0
87
65
43
21
0
9
9
Left Channel
Right Channel
Figure 20. OVFL Output Timing, I2S Format
LRC K
OVFL
SC LK
O VFL_R
O VFL_L
O VFL_R
Figure 21. OVFL Output Timing, Left-Justified Format
LR C K
OV F L
SC L K
O V F L_R
O V F L _L
O V F L _R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com