Electronic Components Datasheet Search
  English  ▼

X  

ZHT431F01 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZHT431F01
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHT431F01 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZHT431F01 Datasheet HTML 1Page - Zetex Semiconductors ZHT431F01 Datasheet HTML 2Page - Zetex Semiconductors ZHT431F01 Datasheet HTML 3Page - Zetex Semiconductors ZHT431F01 Datasheet HTML 4Page - Zetex Semiconductors ZHT431F01 Datasheet HTML 5Page - Zetex Semiconductors ZHT431F01 Datasheet HTML 6Page - Zetex Semiconductors ZHT431F01 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZHT431
TYPICAL CHARACTERISTICS
Dynamic Impedance v Frequency
Frequency (Hz)
100
10
1.0
0.1
100
1k
10k
100k
1M
Change in Vref v Cathode Voltage
Cathode Voltage (V)
0
-25
510
15
20
-20
-15
-10
-5
0
IZ=10mA
Vref=VZ
10mA
1mA
170
90
100
110
120
130
140
150
160
-50 -25
0
25
50
75 100 125
Temperature ( °C)
Iref vs. Temperature
40
-50 -25
0
25
50
75 100 125
Temperature ( °C)
Izmin vs. Temperature
28
26
24
30
32
34
36
38
Power Dissipation Derating
0
150
50
100
125
0
0.2
1.0
1.2
2.0
Ambient Temperature ( °C)
SOT223
TO92
25
75
SO8/
SOT23
0.4
0.6
0.8
1.4
1.6
1.8
2.486
2.488
2.490
2.492
2.494
2.496
2.498
2.500
2.502
-50
-25
0
25
50
75 100 125
Temperature ( °C)
Vref vs. Temperature
SOT89
4-30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com