Electronic Components Datasheet Search
  English  ▼

X  

CS495313 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS495313
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495313 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS495313 Datasheet HTML 28Page - Cirrus Logic CS495313 Datasheet HTML 29Page - Cirrus Logic CS495313 Datasheet HTML 30Page - Cirrus Logic CS495313 Datasheet HTML 31Page - Cirrus Logic CS495313 Datasheet HTML 32Page - Cirrus Logic CS495313 Datasheet HTML 33Page - Cirrus Logic CS495313 Datasheet HTML 34Page - Cirrus Logic CS495313 Datasheet HTML 35Page - Cirrus Logic CS495313 Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705PP6
Copyright 2009 Cirrus Logic
35
10. Revision History
Revision
Date
Changes
A1
FEB 2006
Advance release.
A2
JUN 2006
Updated part numbers for ordering (Tables 5 & 6), Updated VOH and VOL
specification to include the current load used for testing
A3
JUL 2006
Updated part numbers for ordering (Tables 5 &6). Updated text in sections 3 and 4.
Updated parameter descriptions in sections 5.1 and 5.3. Updated Tspickl, Tspickh,
and Tspidov timing. Corrected Figure SPI Master Timing to use EE_CS. Added foot-
note to XTI table. Removed SCLK/LRCLK relative timing from DAI port timing.
Removed SCLK/LRCLK slave relative timing from DAO port timing.
A4
OCT 2007
Updated the Tspidsu, Tspickl, and Tspickh timing parameters for master mode SPI.
This applies to both SPI ports.
PP1
May 28, 2008
Updated product feature list in Table 2. Updated Figure 19 and Figure 21.
PP2
June 20, 2008
Added typical crystal frequency values in Table Footnote 1 and Min and Max values
of Fxtalin Section 5.8. Removed DSD Phase Modulation Mode from Section
5.17
. Removed reference to MCLK in Section 5.17. Redefined Master mode
clock speed for SCP_CLK in Section 5.11. Redefined DC leakage
characterization data in Section 5.3, correcting units of measurement.
Modified Footnote 1 under Section 5.10.
PP3
September 24, 2008
Removed references to External Parallel Flash / SRAM Interface.
PP4
June 9, 2009
Updated product number references in Section 5.9, Section 6.
, Section 7., Table
2,
.Table 3, and Table 4. For all Active Low pins, changed Active Low pin
designation from “#” character after the pin name to a line over the pin name as in
“EE_CS”. Removed Active Low designation from the BDI_REQ pin in the 128-pin
pinout drawings in Figure 19 and Figure 20, and in the 144-pin pinout drawings in
Figure 21 and Figure 22. Updated the pin names referred to in the timing diagrams
in Figure 9, Figure 10, Figure 17, and Figure 18. Updated the parameters in Section
5.15.
PP5
July 29, 2009
Updated Figure 19, Figure 20, Figure 21. Removed CS495314-CQZ and
CS495314-CQZR from Table 5 and Table 6. Added recommendation that CS4953x4
family be used with new designs. Updated Section 2.
PP6
November 11, 2009
Removed references to UART port. Removed references to 11.2896,
18.432, and 27 MHz frequency clocks in Note 1 in Section 5.8 “Switching
Characteristics — XTI” on page 12 and the Min and Max External Crystal
Operating Frequency values in that same section. Updated Section 5.17
“ Switching Characteristics — DSD® Serial Input Port” on page 23. Section
5.18 “Switching Characteristics — Digital Audio Output Port” on page 24. In
Figure 21, "144-pin LQFP Pin-Out Drawing (CS495313)", on page 32,
moved SCP2_SDA from Pin 106 to Pin 105, deleted duplicate EE_CS from
Pin 25, and designated Pin 140 BDI_REQ as active low. Designated Pin 32,
BDI_REQ as active low In Figure 19, "128-pin LQFP Pin-Out Drawing
(CS495303/CS495313)", on page 30 and in Figure 20, "128-pin LQFP Pin-
Out Drawing (CS495304/CS495314)", on page 31. In Section 5.3, the
parameter, “Input leakage current (all digital pins with internal pull-up
resistors enabled, and XTI)”, Max value changes from 50
μA to 70 μA. In
Section 5.13, the parameter SCP_CLK low to SCP_SDA out valid with
symbol “tiicdov” Max value changes from 18 ns to 36 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com