Electronic Components Datasheet Search
  English  ▼

X  

ZHT431C02 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZHT431C02
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHT431C02 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZHT431C02 Datasheet HTML 1Page - Zetex Semiconductors ZHT431C02 Datasheet HTML 2Page - Zetex Semiconductors ZHT431C02 Datasheet HTML 3Page - Zetex Semiconductors ZHT431C02 Datasheet HTML 4Page - Zetex Semiconductors ZHT431C02 Datasheet HTML 5Page - Zetex Semiconductors ZHT431C02 Datasheet HTML 6Page - Zetex Semiconductors ZHT431C02 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ADJUSTABLE PRECISION
ZENER SHUNT REGULATOR
ISSUE 2 – FEBRUARY 1997
DEVICE DESCRIPTION
The ZHT431 is a three terminal adjustable
sh unt regulat o r off e ring ex ce llen t
temperature stability and output current
handling capability up to 100mA. The device
offers extended operating temperature
range working from -55 to +125°C. The
output voltage may be set to any chosen
voltage between 2.5 and 20 volts by
selection of two external divider resistors.
The devices can be used as a replacement
for zener diodes in many applications
req u i r ing an i m p r ov emen t in zen e r
performance.
FEATURES
• Surface mount SO8, SOT89, SOT223
and SOT23 packages
• TO92 package
• 2% and 1% tolerance
• Maximum temperature coefficient 67
ppm/°C
• Temperature compensated for
operation over the full temperature
range
• Programmable output voltage
• 50µA to 100mA current sink capability
• Low output noise
• Wide temperature range -55 to +125°C
APPLICATIONS
• Series and Shunt regulator
• Voltage monitor
• Over voltage/ under voltage protection
• Switch mode power supplies
ZHT431
V
Z
G
nd
V ref
SCHEMATIC DIAGRAM
4-28


Similar Part No. - ZHT431C02

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHT431C02L ZETEX-ZHT431C02L Datasheet
483Kb / 12P
Adjustable precision Zener shunt regulator
ZHT431C02STOB ZETEX-ZHT431C02STOB Datasheet
483Kb / 12P
Adjustable precision Zener shunt regulator
ZHT431C02STZ ZETEX-ZHT431C02STZ Datasheet
483Kb / 12P
Adjustable precision Zener shunt regulator
More results

Similar Description - ZHT431C02

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 2002
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
SEPTEMBER 2000
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 1997
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
FEBRUARY 1998
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
Adjustable Precision Zener Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com