Electronic Components Datasheet Search
  English  ▼

X  

CS8130 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8130
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8130 Datasheet HTML 6Page - Cirrus Logic CS8130 Datasheet HTML 7Page - Cirrus Logic CS8130 Datasheet HTML 8Page - Cirrus Logic CS8130 Datasheet HTML 9Page - Cirrus Logic CS8130 Datasheet HTML 10Page - Cirrus Logic CS8130 Datasheet HTML 11Page - Cirrus Logic CS8130 Datasheet HTML 12Page - Cirrus Logic CS8130 Datasheet HTML 13Page - Cirrus Logic CS8130 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Mode 3 (TV remote) Receive Choices
The modulation frequency must be set into the
modulator divider registers. The tolerance on the
expected frequency must be programmed into
the Receive ASK Timing Sensitivity (RATS) reg-
ister. The RATS register sets the time window
that the demodulator will accept for the period of
valid data. Since the RATS register specifies
time windows which are negative (e.g. 1000b (8)
= +0.27
µs to -4.61 µs), then the modulation
frequency must be set to lower than the desired
nominal setting. For example, with RATS set to
1000 (8), and the desired nominal frequency be-
ing 38 kHz, then set the modulation divider
registers to 35.10 kHz. With these settings, the
demodulator will accept any frequency from
34.78 kHz to 41.88 kHz as valid. Smaller RATS
register settings will result in tighter tolerance on
the accepted receive modulation frequency.
Changes in the RATS register settings must be
accompanied by changes in the modulation fre-
quency register to keep the nominal desired
frequency in the center of the valid frequency
band.
There are two TV remote receive data modes:
"oversampled" mode and "programmed T pe-
riod" mode. For "oversampled" mode, first
choose the UART to CS8130 baud rate, typically
115.2 kbps. Then set the TV remote receive tim-
ing register to a rate which is less than 80% of
the UART baud rate. The CS8130 will now start
sampling the demodulated infrared data at the
TV remote receive sample rate. The stream of
samples will be assembled into characters, with a
start bit and a stop bit, and will be transmitted to
the UART via RXD at the UART baud rate. The
system software can then concatenate successive
characters and reconstruct the incoming bit
stream.
"Programmed T period" mode requires that the
bit period of the bursts of modulated carrier be
known. This period is programmed into the TV
remote receive timing registers. The UART to
CS8130 baud rate must be set to at least 20%
greater than 1/T. The CS8130 will now use the
edges of the demodulated incoming infrared data
to indicate each bit state. For continuous periods
of low or high, the CS8130 will sample the level
in the center of each incoming bit period (using
T as the bit period). Any transition will reset the
timer that is used for the sampling process,
thereby eliminating errors caused by the sample
timing being different to the incoming bit period.
Characters are assembled and sent to the UART
every 8 bits (see Figure 6).
If the T period is not known, it is possible to
measure T by using "oversampled" mode, and
1
0
1
1
00
1
110
0
11
0
01
1
0
0
1
01
1
00
1
1
1/2400
LIGHT
INPUT
RXD*
RXD*
LIGHT
NO LIGHT
Stop
Bit
8 data bits
Start
Bit
*RXD Baud rate can be set
from 4800 to 115200 bps
Figure 6. Mode 3 (TV remote) Receive Data Format
CS8130
10
DS134PP2
CS8130
10
DS134F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com