Electronic Components Datasheet Search
  English  ▼

X  

BC856W Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BC856W
Description  PNP general purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856W Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BC856W Datasheet HTML 2Page - NXP Semiconductors BC856W Datasheet HTML 3Page - NXP Semiconductors BC856W Datasheet HTML 4Page - NXP Semiconductors BC856W Datasheet HTML 5Page - NXP Semiconductors BC856W Datasheet HTML 6Page - NXP Semiconductors BC856W Datasheet HTML 7Page - NXP Semiconductors BC856W Datasheet HTML 8Page - NXP Semiconductors BC856W Datasheet HTML 9Page - NXP Semiconductors BC856W Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2002 Feb 04
6
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC856W; BC857W; BC858W
handbook, halfpage
0
400
600
800
1000
hFE
200
MGT715
−10−2
−10−1
−1
−10
−102
−103
IC (mA)
(1)
(2)
(3)
Fig.6
DC current gain as a function of collector
current; typical values.
BC857BW; VCE = −5 V.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
0
−1200
−1000
−800
−600
−400
−200
MGT716
−10−2
−10−1
−1
−10
−102
−103
IC (mA)
VBE
(mV)
(1)
(2)
(3)
Fig.7
Base-emitter voltage as a function of
collector current; typical values.
BC857BW; VCE = −5 V.
(1) Tamb = −55 °C.
(2) Tamb = 25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
−104
−103
−102
−10
MGT717
−10−1
−1
−10
−102
−103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
Fig.8
Collector-emitter saturation voltage as a
function of collector current; typical values.
BC857BW; IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
MGT718
−10−1
−1
−10
−102
−103
IC (mA)
0
−1200
−1000
−800
−600
−400
−200
VBEsat
(mV)
(1)
(2)
(3)
Fig.9
Base-emitter saturation voltage as a
function of collector current; typical values.
BC857BW; IC/IB = 20.
(1) Tamb = −55 °C.
(2) Tamb = 25 °C.
(3) Tamb = 150 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com