Electronic Components Datasheet Search
  English  ▼

X  

BC857AT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC857AT
Description  PNP general purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC857AT Datasheet(HTML) 2 Page - NXP Semiconductors

  BC857AT Datasheet HTML 1Page - NXP Semiconductors BC857AT Datasheet HTML 2Page - NXP Semiconductors BC857AT Datasheet HTML 3Page - NXP Semiconductors BC857AT Datasheet HTML 4Page - NXP Semiconductors BC857AT Datasheet HTML 5Page - NXP Semiconductors BC857AT Datasheet HTML 6Page - NXP Semiconductors BC857AT Datasheet HTML 7Page - NXP Semiconductors BC857AT Datasheet HTML 8Page - NXP Semiconductors BC857AT Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2000 Nov 15
2
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC856T; BC857T
series
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 65 V).
APPLICATIONS
• General purpose switching and amplification, especially
in portable equipment.
DESCRIPTION
PNP transistor in an SC-75 (SOT416) plastic package.
NPN complements: BC846T; BC847T series.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BC856AT
3A
BC856BT
3B
BC857AT
3E
BC857BT
3F
BC857CT
3G
PIN
DESCRIPTION
1
base
2
emitter
3
collector
handbook, halfpage
MAM362
1
2
3
Top view
1
2
3
Fig.1
Simplified outline (SC-75; SOT416) and
symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC856AT; BC856BT
−
−80
V
BC857AT; BC857BT; BC857CT
−
−50
V
VCEO
collector-emitter voltage
open base
BC856AT; BC856BT
−
−65
V
BC857AT; BC857BT; BC857CT
−
−45
V
VEBO
emitter-base voltage
open collector
−
−5
V
IC
collector current (DC)
−
−100
mA
ICM
peak collector current
−
−200
mA
IBM
peak base current
−
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com