Electronic Components Datasheet Search
  English  ▼

X  

BC857M Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC857M
Description  PNP general purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC857M Datasheet(HTML) 2 Page - NXP Semiconductors

  BC857M Datasheet HTML 1Page - NXP Semiconductors BC857M Datasheet HTML 2Page - NXP Semiconductors BC857M Datasheet HTML 3Page - NXP Semiconductors BC857M Datasheet HTML 4Page - NXP Semiconductors BC857M Datasheet HTML 5Page - NXP Semiconductors BC857M Datasheet HTML 6Page - NXP Semiconductors BC857M Datasheet HTML 7Page - NXP Semiconductors BC857M Datasheet HTML 8Page - NXP Semiconductors BC857M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Mar 10
2
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC857M series
FEATURES
• Leadless ultra small plastic package
(1 mm
× 0.6 mm × 0.5 mm)
• Board space 1.3 × 0.9 mm
• Power dissipation comparable to SOT23.
APPLICATIONS
• General purpose small signal DC
• Low and medium frequency AC applications
• Mobile communications, digital (still) cameras, PDAs,
PCMCIA cards.
DESCRIPTION
PNP general purpose transistor in a SOT883 leadless ultra
small plastic package.
NPN complement: BC847M series.
MARKING
TYPE NUMBER
MARKING CODE
BC857AM
D1
BC857BM
D2
BC857CM
D3
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
handbook, halfpage
MAM469
2
1
3
Bottom view
2
3
1
Fig.1 Simplified outline (SOT883) and symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
−45
V
IC
collector current (DC)
−100
mA
ICM
peak collector current
−200
mA
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BC857AM
−
Leadless ultra small plastic package; 3 solder lands; body
1.0 x 0.6 x 0.5 mm
SOT883
BC857BM
BC857CM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com