Electronic Components Datasheet Search
  English  ▼

X  

CS8422 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS8422_09 Datasheet HTML 40Page - Cirrus Logic CS8422_09 Datasheet HTML 41Page - Cirrus Logic CS8422_09 Datasheet HTML 42Page - Cirrus Logic CS8422_09 Datasheet HTML 43Page - Cirrus Logic CS8422_09 Datasheet HTML 44Page - Cirrus Logic CS8422_09 Datasheet HTML 45Page - Cirrus Logic CS8422_09 Datasheet HTML 46Page - Cirrus Logic CS8422_09 Datasheet HTML 47Page - Cirrus Logic CS8422_09 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
44
DS692F1
CS8422
10.REGISTER QUICK REFERENCE
This table shows the register names and default values for read-write registers.
Addr
Function
7
6
5
4
3
2
1
0
01h
Chip ID &
Version
ID4
ID3
ID2
ID1
ID0
REV2
REV1
REV0
000
100
00
02h
Clock Control
PDN
FSWCLK
SWCLK
RMCK_
CTL1
RMCK_
CTL0
INT1
INT0
Reserved
100
000
00
03h
Receiver Input
Control
RX_MODE
RXSEL1
RXSEL0
TXSEL1
TXSEL0
INPUT_
TYPE
Reserved
Reserved
000
010
00
04h
Receiver Data
Control
TRUNC
HOLD1
HOLD0
CHS
DETCI
EMPH_
CNTL2
EMPH_
CNTL1
EMPH_
CNTL0
000
001
00
05h
GPO Control 1
GPO0SEL3
GPO0SEL2
GPO0SEL1
GPO0SEL0
GPO1SEL3
GPO1SEL2
GPO1SEL1
GPO1SEL0
000
000
00
06h
GPO Control 2
GPO2SEL3
GPO2SEL2
GPO2SEL1
GPO2SEL3
GPO3SEL2
GPO3SEL1
GPO3SEL0
GPO3SEL3
000
000
00
07h
SAI Clock Con-
trol
SAI_CLK3
SAI_CLK2
SAI_CLK1
SAI_CLK0
SAI_MCLK
Reserved
Reserved
Reserved
010
000
00
08h
SRC SAO
Clock Control
SAO_CLK3
SAO_CLK2
SAO_CLK1
SAO_CLK0
SAO_
MCLK
SRC_
MCLK1
SRC_
MCLK2
SRC_DIV
011
000
00
09h
RMCK Cntl.&
Misc.
RMCK3
RMCK2
RMCK1
RMCK0
SRC_
MUTE
Reserved
Reserved
Reserved
000
010
00
0Ah
Data Routing
Control
SDOUT1_1
SDOUT1_0
SDOUT2_1
SDOUT2_0
MUTE_
SAO1
MUTE_
SAO2
SRCD
Reserved
000
100
00
0Bh
SAI Data
Format
SIMS
SISF
SIFSEL2
SIFSEL1
SIFSEL0
Reserved
Reserved
Reserved
000
000
00
0Ch SAO1 Data For-
mat & TDM
SOMS1
SOSF1
SORES1_1
SORES1_0 SOFSEL1_1 SOFSEL1_0
TDM1
TDM0
000
000
00
0Dh SAO2 Data For-
mat
SOMS2
SOSF2
SORES2_1
SORES2_0 SOFSEL2_1 SOFSEL2_0
Reserved
Reserved
000
000
00
0Eh
RERR Unmask-
ing
ACTIVEM
QCRCM
CCRCM
UNLOCKM
VM
CONFM
BIPM
PARM
000
000
00
0Fh
Interrupt
Unmasking
PCCHM
OSLIPM
DETCM
CCHM
RERRM
QCHM
FCHM
SRC_
UNLOCKM
000
000
00
10h
Interrupt Mode
Reserved
Reserved
Reserved
Reserved
RERR1
RERR0
SRC_
UNLOCK1
SRC_
UNLOCK0
000
000
00
Table 6. Summary of Software Register Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com