Electronic Components Datasheet Search
  English  ▼

X  

CDB8427 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CDB8427
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8427 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CDB8427 Datasheet HTML 45Page - Cirrus Logic CDB8427 Datasheet HTML 46Page - Cirrus Logic CDB8427 Datasheet HTML 47Page - Cirrus Logic CDB8427 Datasheet HTML 48Page - Cirrus Logic CDB8427 Datasheet HTML 49Page - Cirrus Logic CDB8427 Datasheet HTML 50Page - Cirrus Logic CDB8427 Datasheet HTML 51Page - Cirrus Logic CDB8427 Datasheet HTML 52Page - Cirrus Logic CDB8427 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
CS8427
DS477F5
49
17. ORDERING INFORMATION
Product
Description
Package
Pb-Free
Grade
Temp Range Container
Order #
CS8427
96 kHz Digital
Audio Interface
Transceiver
28-pin SOIC
YES
Commercial -10 to +70°C
Rail
CS8427-CSZ
Tape & Reel CS8427-CSZR
28-pin
TSSOP
Rail
CS8427-CZZ
Tape & Reel CS8427-CZZR
Automotive -40 to +85°C
Rail
CS8427-DZZ
Tape & Reel CS8427-DZZR
CDB8427
CS8427 Evaluation Board
-
-
-
-
CDB8427



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com