Electronic Components Datasheet Search
  English  ▼

X  

P4SMA Datasheet(PDF) 2 Page - Littelfuse

Part # P4SMA
Description  Transient Voltage Suppression Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4SMA Datasheet(HTML) 2 Page - Littelfuse

  P4SMA Datasheet HTML 1Page - Littelfuse P4SMA Datasheet HTML 2Page - Littelfuse P4SMA Datasheet HTML 3Page - Littelfuse P4SMA Datasheet HTML 4Page - Littelfuse P4SMA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
14
Transient Voltage Suppression Diodes
Revision: January 09, 2009
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount – 400W > P4SMA series
P4SMA Series
Please refer to http://www.Littelfuse.com/series/P4SMA.html for current information.
Electrical Characteristics
Part
Number
(Uni)
Part
Number
(Bi)
Marking
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage V
C
@ I
pp
(V)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R
@ V
R
(μA)
Agency
Approval
UNI
BI
MIN
MAX
P4SMA6.8A P4SMA6.8CA
6V8A
6V8C
5.80
6.45
7.14
10
10.5
39.0
1000
X
P4SMA7.5A
P4SMA7.5CA
7V5A
7V5C
6.40
7.13
7.88
10
11.3
36.3
500
X
P4SMA8.2A P4SMA8.2CA
8V2A
8V2C
7.02
7.79
8.61
10
12.1
33.9
200
X
P4SMA9.1A P4SMA9.1CA
9V1A
9V1C
7.78
8.65
9.55
1
13.4
30.6
50
X
P4SMA10A
P4SMA10CA
10A
10C
8.55
9.50
10.50
1
14.5
28.3
10
X
P4SMA11A
P4SMA11CA
11A
11C
9.40
10.50
11.60
1
15.6
26.3
5
X
P4SMA12A
P4SMA12CA
12A
12C
10.20
11.40
12.60
1
16.7
24.6
5
X
P4SMA13A
P4SMA13CA
13A
13C
11.10
12.40
13.70
1
18.2
22.5
1
X
P4SMA15A
P4SMA15CA
15A
15C
12.80
14.30
15.80
1
21.2
19.3
1
X
P4SMA16A
P4SMA16CA
16A
16C
13.60
15.20
16.80
1
22.5
18.2
1
X
P4SMA18A
P4SMA18CA
18A
18C
15.30
17.10
18.90
1
25.5
16.1
1
X
P4SMA20A
P4SMA20CA
20A
20C
17.10
19.00
21.00
1
27.7
14.8
1
X
P4SMA22A
P4SMA22CA
22A
22C
18.80
20.90
23.10
1
30.6
13.4
1
X
P4SMA24A
P4SMA24CA
24A
24C
20.50
22.80
25.20
1
33.2
12.3
1
X
P4SMA27A
P4SMA27CA
27A
27C
23.10
25.70
28.40
1
37.5
10.9
1
X
P4SMA30A
P4SMA30CA
30A
30C
25.60
28.50
31.50
1
41.4
9.9
1
X
P4SMA33A
P4SMA33CA
33A
33C
28.20
31.40
34.70
1
45.7
9.0
1
X
P4SMA36A
P4SMA36CA
36A
36C
30.80
34.20
37.80
1
49.9
8.2
1
X
P4SMA39A
P4SMA39CA
39A
39C
33.30
37.10
41.00
1
53.9
7.6
1
X
P4SMA43A
P4SMA43CA
43A
43C
36.80
40.90
45.20
1
59.3
6.9
1
X
P4SMA47A
P4SMA47CA
47A
47C
40.20
44.70
49.40
1
64.8
6.3
1
X
P4SMA51A
P4SMA51CA
51A
51C
43.60
48.50
53.60
1
70.1
5.8
1
X
P4SMA56A
P4SMA56CA
56A
56C
47.80
53.20
58.80
1
77.0
5.3
1
X
P4SMA62A
P4SMA62CA
62A
62C
53.00
58.90
65.10
1
85.0
4.8
1
X
P4SMA68A
P4SMA68CA
68A
68C
58.10
64.60
71.40
1
92.0
4.5
1
X
P4SMA75A
P4SMA75CA
75A
75C
64.10
71.30
78.80
1
103.0
4.0
1
X
P4SMA82A
P4SMA82CA
82A
82C
70.10
77.90
86.10
1
113.0
3.6
1
X
P4SMA91A
P4SMA91CA
91A
91C
77.80
86.50
95.50
1
125.0
3.3
1
X
P4SMA100A P4SMA100CA
100A
100C
85.50
95.00
105.00
1
137.0
3.0
1
X
P4SMA110A P4SMA110CA
110A
110C
94.00
105.00
116.00
1
152.0
2.7
1
X
P4SMA120A P4SMA120CA
120A
120C
102.00
114.00
126.00
1
165.0
2.5
1
X
P4SMA130A P4SMA130CA
130A
130C
111.00
124.00
137.00
1
179.0
2.3
1
X
P4SMA150A P4SMA150CA
150A
150C
128.00
143.00
158.00
1
207.0
2.0
1
X
P4SMA160A P4SMA160CA
160A
160C
136.00
152.00
168.00
1
219.0
1.9
1
X
P4SMA170A P4SMA170CA
170A
170C
145.00
162.00
179.00
1
234.0
1.8
1
X
P4SMA180A P4SMA180CA
180A
180C
154.00
171.00
189.00
1
246.0
1.7
1
X
P4SMA200A P4SMA200CA
200A
200C
171.00
190.00
210.00
1
274.0
1.5
1
X
P4SMA220A P4SMA220CA
220A
220C
185.00
209.00
231.00
1
328.0
1.3
1
X
P4SMA250A P4SMA250CA
250A
250C
214.00
237.00
263.00
1
344.0
1.2
1
X
P4SMA300A P4SMA300CA
300A
300C
256.00
285.00
315.00
1
414.0
1.0
1
X
P4SMA350A P4SMA350CA
350A
350C
300.00
332.00
368.00
1
482.0
0.9
1
X
P4SMA400A P4SMA400CA
400A
400C
342.00
380.00
420.00
1
548.0
0.8
1
X
P4SMA440A P4SMA440CA
440A
440C
376.00
418.00
462.00
1
602.0
0.7
1
X
P4SMA480A P4SMA480CA
480A
480C
408.00
456.00
504.00
1
658.0
0.6
1
P4SMA510A P4SMA510CA
510A
510C
434.00
485.00
535.00
1
698.0
0.6
1
P4SMA530A P4SMA530CA
530A
530C
477.00
503.50
556.50
1
725.0
0.6
1
P4SMA540A P4SMA540CA
540A
540C
486.00
513.00
567.00
1
740.0
0.5
1
P4SMA550A P4SMA550CA
550A
550C
495.00
522.50
577.50
1
760.0
0.5
1
The avaliable parts are “A” type only, the parts without A (V
BR is ± 10%) is not avaliable.
For bidirectional type having V
R of 10 volts and less, the IR limit is double.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com