Electronic Components Datasheet Search
  English  ▼

X  

BCM847BV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCM847BV
Description  NPN/NPN matched double transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCM847BV Datasheet(HTML) 2 Page - NXP Semiconductors

  BCM847BV Datasheet HTML 1Page - NXP Semiconductors BCM847BV Datasheet HTML 2Page - NXP Semiconductors BCM847BV Datasheet HTML 3Page - NXP Semiconductors BCM847BV Datasheet HTML 4Page - NXP Semiconductors BCM847BV Datasheet HTML 5Page - NXP Semiconductors BCM847BV Datasheet HTML 6Page - NXP Semiconductors BCM847BV Datasheet HTML 7Page - NXP Semiconductors BCM847BV Datasheet HTML 8Page - NXP Semiconductors BCM847BV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BCM847BV_BS_DS_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 28 August 2009
2 of 15
NXP Semiconductors
BCM847BV/BS/DS
NPN/NPN matched double transistors
[1]
The smaller of the two values is taken as the numerator.
[2]
The smaller of the two values is subtracted from the larger value.
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Per device
hFE1/hFE2
hFE matching
VCE =5V;
IC =2mA
[1] 0.9
1
-
VBE1−VBE2
VBE matching
VCE =5V;
IC =2mA
[2] --2
mV
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
1
emitter TR1
2
base TR1
3
collector TR2
4
emitter TR2
5
base TR2
6
collector TR1
001aab555
6
4
5
1
3
2
sym020
2
1
3
5
6
TR1
TR2
4
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BCM847BV
-
plastic surface-mounted package; 6 leads
SOT666
BCM847BS
SC-88
plastic surface-mounted package; 6 leads
SOT363
BCM847DS
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 5.
Marking codes
Type number
Marking code[1]
BCM847BV
3A
BCM847BS
M1*
BCM847DS
R6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com